Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC7803
Description  40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 7Page - Analog Devices LTC7803 Datasheet HTML 8Page - Analog Devices LTC7803 Datasheet HTML 9Page - Analog Devices LTC7803 Datasheet HTML 10Page - Analog Devices LTC7803 Datasheet HTML 11Page - Analog Devices LTC7803 Datasheet HTML 12Page - Analog Devices LTC7803 Datasheet HTML 13Page - Analog Devices LTC7803 Datasheet HTML 14Page - Analog Devices LTC7803 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC7803
11
Rev 0
For more information www.analog.com
OPERATION
Main Control Loop
The LTC7803 uses a constant frequency, peak current
mode step-down architecture. During normal operation,
the external top MOSFET is turned on when the clock for
that channel sets the RS latch, and is turned off when the
main current comparator, ICMP, resets the RS latch. The
peak inductor current at which ICMP trips and resets the
latch is controlled by the voltage on the ITH pin, which is
the output of the error amplifier, EA. The error amplifier
compares the output voltage feedback signal at the VFB
pin (which is generated with an external resistor divider
connected across the output voltage, VOUT, to ground)
to the internal 0.800V reference voltage. When the load
current increases, it causes a slight decrease in VFB rela-
tive to the reference, which causes the EA to increase the
ITH voltage until the average inductor current matches
the new load current.
After the top MOSFET is turned off each cycle, the bot-
tom MOSFET is turned on until either the inductor current
goes to far negative (or starts to reverse in Burst or pulse
skipping mode as indicated by the current comparator IR)
or the beginning of the next clock cycle.
INTVCC/EXTVCC Power
Power for the top and bottom MOSFET drivers and most
other internal circuitry is derived from the INTVCC pin.
When the EXTVCC pin is tied to a voltage less than 4.7V,
the VIN LDO (low dropout linear regulator) supplies 5.15V
from VIN to INTVCC. If EXTVCC is taken above 4.7V, the VIN
LDO is turned off and an EXTVCC LDO is turned on. Once
enabled, the EXTVCC LDO supplies 5.15V from EXTVCC to
INTVCC. Using the EXTVCC pin allows the INTVCC power to
be derived from a high efficiency external source.
Boost Supply and Dropout (BOOST and SW pins)
The top MOSFET driver is biased from the floating boot-
strap capacitor, CB, which normally recharges during each
cycle through an external low leakage Schottky diode or
PN Junction diode, DB, diode when the top MOSFET turns
off. If the input voltage, VIN, decreases to a voltage close
to VOUT, the loop may enter dropout and attempt to turn
on the top MOSFET continuously. The LTC7803 has an
internal charge pump that allows the top MOSFET to be
turned on continuously at 100% duty cycle.
Shutdown and Start-Up (RUN, TRACK/SS Pins)
The LTC7803 can be shutdown using the RUN pin. Pulling
this pin below 1.1V shuts down the main control loop.
Pulling the RUN pin below 0.7V disables the controller and
most internal circuits, including the INTVCC LDOs. In this
state, the LTC7803 draws only 1μA of quiescent current.
The RUN pin needs to be externally pulled up or driven
directly by logic. It can also be implemented as an under-
voltage lockout (UVLO) by connecting it to the output of an
external resistor divider network off VIN (see Applications
Information section).
The start-up of the controller’s output voltage VOUT is
controlled by the voltage on the TRACK/SS pin. When
the voltage on the TRACK/SS pin is less than the 0.8V
internal reference, the LTC7803 regulates the VFB volt-
age to the TRACK/SS pin voltage instead of the 0.8V
reference. This allows the TRACK/SS pin to be used to
program a soft-start by connecting an external capaci-
tor from the TRACK/SS pin to SGND. An internal 12.5μA
pull-up current charges this capacitor creating a voltage
ramp on the TRACK/SS pin. As the TRACK/SS voltage
rises linearly from 0V to 0.8V (and beyond), the output
voltage VOUT rises smoothly from zero to its final value.
Alternatively the TRACK/SS pin can be used to cause the
start-up of VOUT to track that of another supply. Typically,
this requires connecting to the TRACK/SS pin an exter-
nal resistor divider from the other supply to ground (see
Applications Information section).
Light Load Current Operation: Burst Mode Operation,
Pulse-Skipping or Forced Continuous Mode (MODE
Pin)
The LTC7803 can be enabled to enter high efficiency
Burst Mode operation, constant frequency pulse-skipping
mode, or forced continuous conduction mode at low load
currents.
To select Burst Mode operation, tie the MODE pin to GND.
To select forced continuous operation, tie the MODE pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com