Electronic Components Datasheet Search
  English  ▼

X  

LM7310 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LM7310
Description  LM73100, 2.7- 23 V, 5.5 A Integrated Ideal Diode with Input Reverse Polarity and Overvoltage Protection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7310 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM7310 Datasheet HTML 36Page - Texas Instruments LM7310 Datasheet HTML 37Page - Texas Instruments LM7310 Datasheet HTML 38Page - Texas Instruments LM7310 Datasheet HTML 39Page - Texas Instruments LM7310 Datasheet HTML 40Page - Texas Instruments LM7310 Datasheet HTML 41Page - Texas Instruments LM7310 Datasheet HTML 42Page - Texas Instruments LM7310 Datasheet HTML 43Page - Texas Instruments LM7310 Datasheet HTML 44Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
PACKAGE OUTLINE
4225183/A 08/2019
www.ti.com
VQFN-HR - 1 mm max height
PLASTIC QUAD FLATPACK - NO LEAD
RPW0010A
A
0.08 C
B
PKG
C
SEATING PLANE
PIN 1 IDENTIFICATION
2.1
1.9
2.1
1.9
(0.1) TYP
0.1
C A B
0.05
C
0.1
C A B
0.05
C
0.1
C A B
0.05
C
0.1
C A B
0.05
C
1 MAX
0.05
0.00
PIN 1 ID
(OPTIONAL)
PKG
2X 0.25
4X 0.475
2X 1.45
4X
SQ (0.15) TYP
2X
2.1
1.9
4X
0.35
0.25
4X
0.3
0.2
2X
0.35
0.25
4X
0.3
0.2
8X
0.5
0.3
4X 0.475
2X 0.45
1
4
5
6
7
10
LM7310
SNOSDC0 – OCTOBER 2020
www.ti.com
40
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM7310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com