Electronic Components Datasheet Search
  English  ▼

X  

LM7310 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM7310
Description  LM73100, 2.7- 23 V, 5.5 A Integrated Ideal Diode with Input Reverse Polarity and Overvoltage Protection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7310 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM7310 Datasheet HTML 16Page - Texas Instruments LM7310 Datasheet HTML 17Page - Texas Instruments LM7310 Datasheet HTML 18Page - Texas Instruments LM7310 Datasheet HTML 19Page - Texas Instruments LM7310 Datasheet HTML 20Page - Texas Instruments LM7310 Datasheet HTML 21Page - Texas Instruments LM7310 Datasheet HTML 22Page - Texas Instruments LM7310 Datasheet HTML 23Page - Texas Instruments LM7310 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Table 7-3. LM73100 PG Indication Summary
Event
Protection Response
PG Pin
PG Delay
Undervoltage (UVP or UVLO)
Shutdown
L
Input Reverse Polarity
Shutdown
L
Overvoltage (OVLO)
Shutdown
L (If PGTH < VPGTH(F))
tPGD
Steady State
N/A
H (If PGTH > VPGTH(R))
L (If PGTH < VPGTH(F))
tPGA
tPGD
Short-Circuit
Fast trip
H (If PGTH > VPGTH(R))
L (If PGTH < VPGTH(F))
tPGA
tPGD
Reverse current ((VOUT - VIN) >
VREVTH)
Reverse current blocking
L
tPGD
Overtemperature
Shutdown
L (If PGTH < VPGTH(F))
tPGD
When there is no supply to the device, the PG pin is expected to stay low. However, there is no active pull-down
in this condition to drive this pin all the way down to 0 V. If the PG pin is pulled up to an independent supply
which is present even if the device is unpowered, there can be a small voltage seen on this pin depending on the
pin sink current, which is a function of the pull-up supply voltage and resistor. Minimize the sink current to keep
this pin voltage low enough not to be detected as a logic HIGH by associated external circuits in this condition.
LM7310
SNOSDC0 – OCTOBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM7310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com