Electronic Components Datasheet Search
  English  ▼

X  

LM7310 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM7310
Description  LM73100, 2.7- 23 V, 5.5 A Integrated Ideal Diode with Input Reverse Polarity and Overvoltage Protection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7310 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM7310 Datasheet HTML 25Page - Texas Instruments LM7310 Datasheet HTML 26Page - Texas Instruments LM7310 Datasheet HTML 27Page - Texas Instruments LM7310 Datasheet HTML 28Page - Texas Instruments LM7310 Datasheet HTML 29Page - Texas Instruments LM7310 Datasheet HTML 30Page - Texas Instruments LM7310 Datasheet HTML 31Page - Texas Instruments LM7310 Datasheet HTML 32Page - Texas Instruments LM7310 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
LM73100
OUT
IN
EN/UVLO
IMON
dVdt
GND
V
BUS = 5 V to 20V
OVLO
PGTH
PG
C
DVDT
TPS259470L
IN
OUT
EN/UVLO
ILM
dVdt
GND
R
ILM
OVLO
AUXOFF
ITIMER
C
ITIMER
V
OUT = 5 V to 20 V
C
DVDT
V
IN = 5 V to 20 V
FLT
PD Controller
Figure 8-7. USB PD Port Protection
The linear ORing mechanism in TPS259470x & LM73100 ensures that there's no reverse current flowing from
one power source to the other during fast or slow ramp of either supply.
The following waveforms illustrate the LM73100 reverse current blocking behavior in USB applications.
www.ti.com
LM7310
SNOSDC0 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LM7310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com