Electronic Components Datasheet Search
  English  ▼

X  

LM7310 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM7310
Description  LM73100, 2.7- 23 V, 5.5 A Integrated Ideal Diode with Input Reverse Polarity and Overvoltage Protection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7310 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM7310 Datasheet HTML 13Page - Texas Instruments LM7310 Datasheet HTML 14Page - Texas Instruments LM7310 Datasheet HTML 15Page - Texas Instruments LM7310 Datasheet HTML 16Page - Texas Instruments LM7310 Datasheet HTML 17Page - Texas Instruments LM7310 Datasheet HTML 18Page - Texas Instruments LM7310 Datasheet HTML 19Page - Texas Instruments LM7310 Datasheet HTML 20Page - Texas Instruments LM7310 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Figure 7-8. Reverse Current Blocking Performance During Fast Voltage Step at Output
During slow voltage ramp at output, the linear ORing based reverse blocking mechanism ensures there's no DC
current flow from OUT to IN, thereby avoiding input rail from getting slowly charged up to output voltage.
Figure 7-9. Reverse Current Blocking Performance During Slow Voltage Ramp at Output
When the input supply droops or gets disconnected while the output storage element (bulk capacitor or super
capacitor) is charged to the full voltage, the linear ORing scheme minimizes the self-discharge from OUT to IN.
This ensures maximum hold-up time for the output storage element in critical power back-up applications.
It also prevents incorrect supply presence indication in applications which sense the input voltage to detect if the
supply is connected.
Figure 7-10. Reverse Current Blocking Performance During Input Supply Failure
www.ti.com
LM7310
SNOSDC0 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM7310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com