Electronic Components Datasheet Search
  English  ▼

X  

LM7310 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM7310
Description  LM73100, 2.7- 23 V, 5.5 A Integrated Ideal Diode with Input Reverse Polarity and Overvoltage Protection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7310 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM7310 Datasheet HTML 19Page - Texas Instruments LM7310 Datasheet HTML 20Page - Texas Instruments LM7310 Datasheet HTML 21Page - Texas Instruments LM7310 Datasheet HTML 22Page - Texas Instruments LM7310 Datasheet HTML 23Page - Texas Instruments LM7310 Datasheet HTML 24Page - Texas Instruments LM7310 Datasheet HTML 25Page - Texas Instruments LM7310 Datasheet HTML 26Page - Texas Instruments LM7310 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
8.2.1.3 Detailed Design Procedure
8.2.1.3.1 Setting Undervoltage and Overvoltage Thresholds
The supply undervoltage and overvoltage thresholds are set using the resistors R1, R2 & R3 whose values can
be calculated using Equation 6 and Equation 7:
VIN(UV) =
VUVLO(R) x (R1 + R2 + R3)
R2 + R3
(6)
VIN(OV) =
VOV(R) x (R1 + R2 + R3)
R3
(7)
Where VUVLO(R) is the UVLO rising threshold and VOV(R) is the OVLO rising threshold . Because R1, R2 and R3
leak the current from input supply VIN, these resistors must be selected based on the acceptable leakage current
from input power supply VIN. The current drawn by R1, R2 and R3 from the power supply is IR123 = VIN / (R1 +
R2 + R3). However, leakage currents due to external active components connected to the resistor string can add
error to these calculations. So, the resistor string current, IR123 must be chosen to be 20 times greater than the
leakage current expected on the EN/UVLO and OVLO pins.
From the device electrical specifications, both the EN/UVLO and OVLO leakage currents are 0.1 μA (max),
VOV(R) = 1.2 V and VUVLO(R) = 1.2 V. From design requirements, VIN(OV) = 13.2 V and VIN(UV) = 10.8 V. To solve
the equation, first choose the value of R1 = 470 kΩ and use the above equations to solve for R2 = 10.7 kΩ and
R3= 48 kΩ.
Using the closest standard 1% resistor values, we get R1 = 470 kΩ, R2 = 11 kΩ, and R3 = 47 kΩ.
8.2.1.3.2 Setting Output Voltage Rise Time (tR)
The slew rate (SR) needed to achieve the desired output rise time can be calculated as:
SR (V/ms) =
VIN (V)
tR (ms)
=
12 V
20 ms
= 0.6 V/ms
(8)
The CdVdt needed to achieve this slew rate can be calculated as:
CdVdt :pF; =
2000
SR :V/ms;
=
2000
0.6
= 3333 pF
(9)
Choose the nearest standard capacitor value as 3300 pF.
For this slew rate, the inrush current can be calculated as:
IINRUSH :mA; = SR (V/ms) x COUT :µF; = 0.6 x 470 = 282 mA
(10)
The average power dissipation inside the part during inrush can be calculated as:
PDINRUSH
:W; =
IINRUSH
:A; T VIN :8;
2
=
0.282 x 12
2
= 1.69 W
(11)
8.2.1.3.3 Setting Power Good Assertion Threshold
The Power Good assertion threshold can be set using the resistors R4 & R5 connected to the PGTH pin whose
values can be calculated as:
VPG =
VPGTH(R) x (R4 + R5)
R5
(12)
Because R4 and R5 leak the current from the output rail VOUT, these resistors must be selected to minimize the
leakage current. The current drawn by R4 and R5 from the power supply is IR45 = VOUT / (R4 + R5). However,
leakage currents due to external active components connected to the resistor string can add error to these
calculations. So, the resistor string current, IR123 must be chosen to be 20 times greater than the PGTH
leakage current expected.
www.ti.com
LM7310
SNOSDC0 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LM7310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com