Electronic Components Datasheet Search
  English  ▼

X  

LM7310 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM7310
Description  LM73100, 2.7- 23 V, 5.5 A Integrated Ideal Diode with Input Reverse Polarity and Overvoltage Protection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7310 Datasheet(HTML) 2 Page - Texas Instruments

  LM7310 Datasheet HTML 1Page - Texas Instruments LM7310 Datasheet HTML 2Page - Texas Instruments LM7310 Datasheet HTML 3Page - Texas Instruments LM7310 Datasheet HTML 4Page - Texas Instruments LM7310 Datasheet HTML 5Page - Texas Instruments LM7310 Datasheet HTML 6Page - Texas Instruments LM7310 Datasheet HTML 7Page - Texas Instruments LM7310 Datasheet HTML 8Page - Texas Instruments LM7310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions ........................5
6.4 Thermal Information ...................................................5
6.5 Electrical Characteristics ............................................6
6.6 Timing Requirements .................................................7
6.7 Switching Characteristics ...........................................8
6.8 Typical Characteristics................................................ 9
7 Detailed Description......................................................10
7.1 Overview................................................................... 10
7.2 Functional Block Diagram......................................... 11
7.3 Feature Description...................................................12
8 Application and Implementation.................................. 21
8.1 Application Information............................................. 21
8.2 Single Device, Self-Controlled.................................. 21
8.3 Active ORing............................................................. 24
8.4 Priority Power MUXing..............................................25
8.5 USB PD Port Protection............................................28
8.6 Parallel Operation..................................................... 30
8.7 Application Limitations.............................................. 31
9 Power Supply Recommendations................................33
9.1 Transient Protection..................................................33
9.2 Output Short-Circuit Measurements......................... 34
10 Layout...........................................................................35
10.1 Layout Guidelines................................................... 35
10.2 Layout Example...................................................... 36
11 Device and Documentation Support..........................38
11.1 Documentation Support.......................................... 38
11.2 Receiving Notification of Documentation Updates.. 38
11.3 Support Resources................................................. 38
11.4 Trademarks............................................................. 38
11.5 Electrostatic Discharge Caution.............................. 38
11.6 Glossary.................................................................. 38
12 Mechanical, Packaging, and Orderable
Information.................................................................... 39
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
October 2020
*
Initial Release
LM7310
SNOSDC0 – OCTOBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM7310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com