Electronic Components Datasheet Search
  English  ▼

X  

LM7310 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM7310
Description  LM73100, 2.7- 23 V, 5.5 A Integrated Ideal Diode with Input Reverse Polarity and Overvoltage Protection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7310 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM7310 Datasheet HTML 15Page - Texas Instruments LM7310 Datasheet HTML 16Page - Texas Instruments LM7310 Datasheet HTML 17Page - Texas Instruments LM7310 Datasheet HTML 18Page - Texas Instruments LM7310 Datasheet HTML 19Page - Texas Instruments LM7310 Datasheet HTML 20Page - Texas Instruments LM7310 Datasheet HTML 21Page - Texas Instruments LM7310 Datasheet HTML 22Page - Texas Instruments LM7310 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
7.3.9 Power Good Indication (PG)
The LM73100 provides an active high digital output (PG) which serves as a power good indication signal and is
asserted high depending on the voltage at the PGTH pin along with the device state information. The PG is an
open-drain pin and needs to be pulled up to an external supply.
After power up, PG is pulled low initially. The device initiates a inrush sequence in which the HFET is turned on
in a controlled manner. When the HFET gate voltage reaches the full overdrive indicating that the inrush
sequence is complete and the voltage at PGTH is above VPGTH(R), the PG is asserted after a de-glitch time
(tPGA).
PG is de-asserted if at any time during normal operation, the voltage at PGTH falls below VPGTH(F), or the device
detects a fault. The PG de-assertion de-glitch time is tPGD.
IN
0
Time
OUT
0
PG
VPG
0
VHGate
VOUT + 2.8V
0
EN/UVLO
VUVLO(R)
0
Slew rate (dVdt) controlled
startup/Inrush current limiting
VIN
IINRUSH
0
IOUT
tPGA
0
VIN
dVdt
Device Enabled
PGTH
VPGTH(F)
VPGTH(R)
0
Figure 7-11. LM73100 PG Timing Diagram
www.ti.com
LM7310
SNOSDC0 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM7310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com