Electronic Components Datasheet Search
  English  ▼

X  

LM7310 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM7310
Description  LM73100, 2.7- 23 V, 5.5 A Integrated Ideal Diode with Input Reverse Polarity and Overvoltage Protection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7310 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM7310 Datasheet HTML 12Page - Texas Instruments LM7310 Datasheet HTML 13Page - Texas Instruments LM7310 Datasheet HTML 14Page - Texas Instruments LM7310 Datasheet HTML 15Page - Texas Instruments LM7310 Datasheet HTML 16Page - Texas Instruments LM7310 Datasheet HTML 17Page - Texas Instruments LM7310 Datasheet HTML 18Page - Texas Instruments LM7310 Datasheet HTML 19Page - Texas Instruments LM7310 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Note
1. It's recommended to choose RIMON such that VIMON < 1.5 V at the maximum DC load current.
2. It's also recommended to add a zener on the IMON pin to clamp the voltage below 1.8 V during
high current transients.
7.3.6 Reverse Current Protection
The device functions like an ideal diode and blocks reverse current flow from OUT to IN under all conditions. The
device has integrated back-to-back MOSFETs connected in a common drain configuration. The voltage drop
between the IN and OUT pins is constantly monitored and the gate drive of the blocking FET (BFET) is adjusted
as needed to regulate the forward voltage drop at VFWD. This closed loop regulation scheme enables graceful
turn off of the MOSFET during a reverse current event and ensures there's no DC reverse current flow.
The device also uses a conventional comparator (VREVTH) based reverse blocking mechanism to provide fast
response to transient reverse currents.Once the device enters reverse current blocking condition, it waits for the
(VIN - VOUT) forward drop to exceed the VFWDTH before it performs a fast recovery to reach full forward
conduction state. This provides sufficient hysterisis to prevent supply noise or ripple from affecting the reverse
current blocking response. The recovery from reverse current blocking is very fast (tSWRCB). This ensures
minimum supply droop which is helpful in applications such as power MUX/ORing.
IN
OUT
IN
OUT
V
FWD
V
IN - VOUT
BFET regulation mode
BFET full conduction mode
BFET turned OFF
0 V
VFWD
VREVTH
VFWTH
Figure 7-7. Reverse Current Blocking Response
The waveforms below illustrate the reverse current blocking performance in various scenarios.
During fast voltage step at output (e.g. hot-plug), the fast comparator based reverse blocking mechanism
ensures minimum jump/glitch on the input rail.
LM7310
SNOSDC0 – OCTOBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM7310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com