Electronic Components Datasheet Search
  English  ▼

X  

LM7310 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM7310
Description  LM73100, 2.7- 23 V, 5.5 A Integrated Ideal Diode with Input Reverse Polarity and Overvoltage Protection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7310 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM7310 Datasheet HTML 9Page - Texas Instruments LM7310 Datasheet HTML 10Page - Texas Instruments LM7310 Datasheet HTML 11Page - Texas Instruments LM7310 Datasheet HTML 12Page - Texas Instruments LM7310 Datasheet HTML 13Page - Texas Instruments LM7310 Datasheet HTML 14Page - Texas Instruments LM7310 Datasheet HTML 15Page - Texas Instruments LM7310 Datasheet HTML 16Page - Texas Instruments LM7310 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
IN
OVLO
GND
Power
Supply
R1
R2
Figure 7-3. Adjustable Overvoltage Protection
VIN(OV) =
VOV x (R1 + R2)
R2
(2)
While recovering from a OVLO event, the LM73100 starts up with inrush control (dVdt).
IN
0
Time
OUT
0
PG
VPG
0
tOVLO
Input Overvoltage Event
Input Overvoltage Removed
OVLO
0
VOV(R)
VOV(F)
tPGD
tPGA
dVdt
Limited
Figure 7-4. LM73100 Overvoltage Lockout and Recovery
www.ti.com
LM7310
SNOSDC0 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM7310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com