Electronic Components Datasheet Search
  English  ▼

X  

LM7310 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM7310
Description  LM73100, 2.7- 23 V, 5.5 A Integrated Ideal Diode with Input Reverse Polarity and Overvoltage Protection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7310 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM7310 Datasheet HTML 17Page - Texas Instruments LM7310 Datasheet HTML 18Page - Texas Instruments LM7310 Datasheet HTML 19Page - Texas Instruments LM7310 Datasheet HTML 20Page - Texas Instruments LM7310 Datasheet HTML 21Page - Texas Instruments LM7310 Datasheet HTML 22Page - Texas Instruments LM7310 Datasheet HTML 23Page - Texas Instruments LM7310 Datasheet HTML 24Page - Texas Instruments LM7310 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
8 Application and Implementation
The LM73100 can be used in a variety of configurations.
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
8.2 Single Device, Self-Controlled
LM73100
IN
OUT
EN/UVLO
IMON
dVdt
GND
VIN = 2.7 to 23 V
VOUT
COUT
OVLO
PGTH
PG
VLOGIC
Figure 8-1. Single Device, Self-Controlled
Other variations:
In a Host MCU controlled system, EN/UVLO or OVLO can also be driven from the host GPIO to control the
device.
IMON pin can be connected to the MCU ADC input for current monitoring purpose.
Either VIN or VOUT can be used to drive the PGTH resistor divider depending on which supply needs to be
monitored for power good indication.
www.ti.com
LM7310
SNOSDC0 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM7310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com