Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC570 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-SC570
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC570 Datasheet(HTML) 3 Page - Analog Devices

  ADSP-SC570 Datasheet HTML 1Page - Analog Devices ADSP-SC570 Datasheet HTML 2Page - Analog Devices ADSP-SC570 Datasheet HTML 3Page - Analog Devices ADSP-SC570 Datasheet HTML 4Page - Analog Devices ADSP-SC570 Datasheet HTML 5Page - Analog Devices ADSP-SC570 Datasheet HTML 6Page - Analog Devices ADSP-SC570 Datasheet HTML 7Page - Analog Devices ADSP-SC570 Datasheet HTML 8Page - Analog Devices ADSP-SC570 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 142 page
background image
Rev. B
|
Page 3 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
GENERAL DESCRIPTION
The ADSP-SC57x/ADSP-2157x processors are members of the
SHARC
® family of products. The ADSP-SC57x processor is
based on the SHARC+
® dual-core and the ARM® Cortex®-A5
core. The ADSP-SC57x/ADSP-2157x SHARC processors are
members of the single-instruction, multiple data (SIMD)
SHARC family of digital signal processors (DSPs) that feature
Analog Devices Super Harvard Architecture. These 32-bit/40-
bit/64-bit floating-point processors are optimized for high per-
formance audio/floating-point applications with large on-chip
static random-access memory (SRAM), multiple internal buses
that eliminate input/output (I/O) bottlenecks, and innovative
digital audio interfaces (DAI). New additions to the SHARC+
core include cache enhancements and branch prediction, while
maintaining instruction set compatibility to previous SHARC
products.
By integrating a set of industry leading system peripherals and
memory (see Table 1, Table 2, and Table 3), the ARM Cortex-
A5 and SHARC processor is the platform of choice for applica-
tions that require programmability similar to reduced
instruction set computing (RISC), multimedia support, and
leading edge signal processing in one integrated package. These
applications span a wide array of markets, including automo-
tive, professional audio, and industrial-based applications that
require high floating-point performance.
Table 2 provides comparison information for features that vary
across the standard processors.
Table 3 provides comparison information for features that vary
across the automotive processors.
Table 1. Common Product Features
Product Features
ADSP-SC57x/ADSP-2157x
DAI (includes SRU)
1
Full SPORTs
4
S/PDIF receive/transmit
1
ASRCs
4
PCGs
2
Pin buffers
20
I2C (TWI)
3
Quad-data bit SPI
1
Dual-data bit SPI
2
CAN2.0
2
UARTs
3
Enhanced PPI
Up to 16-bit on BGA
12-bit on LQFP
1
GP timer
8
GP counter
1
Watchdog timers
3
ADC control module
Yes
Hardware accelerators
FIR/IIR
Yes
Security cryptographic engine Yes
Multichannel 12-bit ADC
8-channel BGA; 4-channel LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com