Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC570 Datasheet(PDF) 27 Page - Analog Devices

Part # ADSP-SC570
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC570 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADSP-SC570 Datasheet HTML 23Page - Analog Devices ADSP-SC570 Datasheet HTML 24Page - Analog Devices ADSP-SC570 Datasheet HTML 25Page - Analog Devices ADSP-SC570 Datasheet HTML 26Page - Analog Devices ADSP-SC570 Datasheet HTML 27Page - Analog Devices ADSP-SC570 Datasheet HTML 28Page - Analog Devices ADSP-SC570 Datasheet HTML 29Page - Analog Devices ADSP-SC570 Datasheet HTML 30Page - Analog Devices ADSP-SC570 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 142 page
background image
Rev. B
|
Page 27 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
SPT_BD1
InOut
Channel B Data 1. Secondary bidirectional data I/O. This signal can be configured as an output to
transmit serial data or as an input to receive serial data.
SPT_BFS
InOut
Channel B Frame Sync. The frame sync pulse initiates shifting of serial data. This signal is either
generated internally or externally.
SPT_BTDV
Output
Channel B Transmit Data Valid. This signal is optional and only active when SPORT is configured in
multichannel transmit mode. It is asserted during enabled slots.
SYS_BMODE[n]
Input
Boot Mode Control n. Selects the boot mode of the processor.
SYS_CLKIN0
Input
Clock/Crystal Input.
SYS_CLKIN1
Input
Clock/Crystal Input.
SYS_CLKOUT
Output
Processor Clock Output. Outputs internal clocks. Clocks may be divided down. See the CGU chapter
of the ADSP-SC57x/ADSP-2157x SHARC+ Processor Hardware Reference for more details.
SYS_FAULT
InOut
Active-High Fault Output. Indicates internal faults or senses external faults depending on the
operating mode.
SYS_FAULT
InOut
Active-Low Fault Output. Indicates internal faults or senses external faults depending on the
operating mode.
SYS_HWRST
Input
Processor Hardware Reset Control. Resets the device when asserted.
SYS_RESOUT
Output
Reset Output. Indicates the device is in the reset state.
SYS_XTAL0
Output
Crystal Output.
SYS_XTAL1
Output
Crystal Output.
TM_ACI[n]
Input
Alternate Capture Input n. Provides an additional input for WIDCAP, WATCHDOG, and PININT modes.
TM_ACLK[n]
Input
Alternate Clock n. Provides an additional time base for an individual timer.
TM_CLK
Input
Clock. Provides an additional global time base for all GP timers.
TM_TMR[n]
InOut
Timer n. The main input/output signal for each timer.
TRACE_CLK
Output
Trace Clock. Clock output.
TRACE_D[nn]
Output
Trace Data n. Unidirectional data bus.
TWI_SCL
InOut
Serial Clock. Clock output when master, clock input when slave.
TWI_SDA
InOut
Serial Data. Receives or transmits data.
UART_CTS
Input
Clear to Send. Flow control signal.
UART_RTS
Output
Request to Send. Flow control signal.
UART_RX
Input
Receive. Receives input. Typically connects to a transceiver that meets the electrical requirements of
the device being communicated with.
UART_TX
Output
Transmit. Transmits output. Typically connects to a transceiver that meets the electrical requirements
of the device being communicated with.
USB_CLKIN
Input
Clock/Crystal Input. This clock input is multiplied by a PLL to form the USB clock. See data sheet
specifications for frequency/tolerance information.
USB_DM
InOut
Data –. Bidirectional differential data line.
USB_DP
InOut
Data +. Bidirectional differential data line.
USB_ID
Input
OTG ID. Senses whether the controller is a host or device. This signal is pulled low when an A type
plug is sensed (signifying that the USB controller is the A device). The input is high when a B type plug
is sensed (signifying that the USB controller is the B device).
USB_VBC
Output
VBUS Control. Controls an external voltage source to supply VBUS when in host mode. Can be
configured as open-drain. Polarity is configurable as well.
USB_VBUS
InOut
Bus Voltage. Connects to bus voltage in host and device modes.
USB_XTAL
Output
Crystal. Drives an external crystal. Must be left unconnected if an external clock is driving USB_CLKIN.
Table 11. ADSP-SC57x/ADSP-2157x Detailed Signal Descriptions (Continued)
Signal Name
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com