Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC570 Datasheet(PDF) 96 Page - Analog Devices

Part # ADSP-SC570
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC570 Datasheet(HTML) 96 Page - Analog Devices

Back Button ADSP-SC570 Datasheet HTML 92Page - Analog Devices ADSP-SC570 Datasheet HTML 93Page - Analog Devices ADSP-SC570 Datasheet HTML 94Page - Analog Devices ADSP-SC570 Datasheet HTML 95Page - Analog Devices ADSP-SC570 Datasheet HTML 96Page - Analog Devices ADSP-SC570 Datasheet HTML 97Page - Analog Devices ADSP-SC570 Datasheet HTML 98Page - Analog Devices ADSP-SC570 Datasheet HTML 99Page - Analog Devices ADSP-SC570 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 142 page
background image
Rev. B
|
Page 96 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
Table 66. SPI2 Port—Slave Timing1
Parameter
Min
Max
Unit
Timing Requirements
tSPICHS
SPIx_CLK High Period2
0.5 × tSPICLKEXT – 1.5
ns
tSPICLS
SPIx_CLK Low Period2
0.5 × tSPICLKEXT – 1.5
ns
tSPICLK
SPIx_CLK Period2
tSPICLKEXT – 1.5
ns
tHDS
Last SPIx_CLK Edge to SPIx_SS Not Asserted
5
ns
tSPITDS
Sequential Transfer Delay
tSPICLKEXT – 1.5
ns
tSDSCI
SPIx_SS Assertion to First SPIx_CLK Edge
10.5
ns
tSSPID
Data Input Valid to SPIx_CLK Edge (Data Input Setup)
2
ns
tHSPID
SPIx_CLK Sampling Edge to Data Input Invalid
1.6
ns
Switching Characteristics
tDSOE
SPIx_SS Assertion to Data Out Active
0
14
ns
tDSDHI
SPIx_SS Deassertion to Data High Impedance
0
11.5
ns
tDDSPID
SPIx_CLK Edge to Data Out Valid (Data Out Delay)
14
ns
tHDSPID
SPIx_CLK Edge to Data Out Invalid (Data Out Hold)
1.5
ns
1 All specifications apply to SPI2 only.
2 This specification indicates the minimum instantaneous width or period that can be tolerated due to duty cycle variation or jitter on the external SPIx_CLK. For the external
SPIx_CLK ideal maximum frequency, see the fSPICLKTEXT specification in Table 27.
Figure 37. SPI Port—Slave Timing
tSPICLK
tHDS
tSPITDS
tSDSCI
tSPICLS
tSPICHS
tDSOE
tDDSPID
tDDSPID
tDSDHI
tHDSPID
tSSPID
tDSDHI
tHDSPID
tDSOE
tHSPID
tSSPID
tDDSPID
SPIx_SS
(INPUT)
SPIx_CLK
(INPUT)
tHSPID
DATA OUTPUTS
(SPIx_MISO)
CPHA = 1
CPHA = 0
DATA INPUTS
(SPIx_MOSI)
DATA OUTPUTS
(SPIx_MISO)
DATA INPUTS
(SPIx_MOSI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com