Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC570 Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-SC570
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC570 Datasheet(HTML) 4 Page - Analog Devices

  ADSP-SC570 Datasheet HTML 1Page - Analog Devices ADSP-SC570 Datasheet HTML 2Page - Analog Devices ADSP-SC570 Datasheet HTML 3Page - Analog Devices ADSP-SC570 Datasheet HTML 4Page - Analog Devices ADSP-SC570 Datasheet HTML 5Page - Analog Devices ADSP-SC570 Datasheet HTML 6Page - Analog Devices ADSP-SC570 Datasheet HTML 7Page - Analog Devices ADSP-SC570 Datasheet HTML 8Page - Analog Devices ADSP-SC570 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 142 page
background image
Rev. B
|
Page 4 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
Table 2. Comparison of ADSP-SC57x/ADSP-2157x Processor Features1
Processor Feature
ADSP-
SC570
ADSP-
SC571
ADSP-
SC572
ADSP-
SC573
ADSP-
21571
ADSP-
21573
ARM Cortex-A5 (MHz, Max)
450
500
450
500
N/A
N/A
ARM Core L1 Cache (I, D kB)
32, 32
32, 32
32, 32
32, 32
N/A
N/A
ARM Core L2 Cache (kB)
256
256
256
256
N/A
N/A
SHARC+ Core1 (MHz, Max)
450
500
450
500
500
500
SHARC+ Core2 (MHz, Max)
N/A
500
N/A
500
500
500
SHARC L1 SRAM (kB)
1 × 384
2 × 384
1 × 384
2 × 384
2 × 384
2 × 384
L2 SRAM (Shared) (MB)
1
1
1
1
1
1
DDR3/DDR2/LPDDR1 Controller
(16-bit)
N/A
N/A
1
1
N/A
1
USB 2.0 HS + PHY (Host/Device/OTG)
N/A
N/A
1
1
N/A
N/A
EMAC Std/AVB + Timer IEEE 1588
10/100
10/100
10/100/1000
10/100/1000
N/A
N/A
SDIO/eMMC
N/A
N/A
1
1
N/A
N/A
Link Ports
1
1
2
2
1
2
GPIO Ports
Port A to D
Port A to D
Port A to F
Port A to F
Port A to D
Port A to F
GPIO + DAI Pins
64 + 20
64 + 20
92 + 20
92 + 20
64 + 20
92 + 20
Package Options
176-LQFP
176-LQFP
400-BGA
400-BGA
176-LQFP
400-BGA
1 N/A means not applicable.
Table 3. Comparison of ADSP-SC57x/ADSP-2157x Processor Features for Automotive 1
Processor Feature
ADSP-
SC570W
ADSP-
SC571W
ADSP-
SC572W
ADSP-
SC573W
ADSP-
21571W
ADSP-
21573W
ARM Cortex-A5 (MHz, Max)
450
500
450
500
N/A
N/A
ARM Core L1 Cache (I, D kB)
32, 32
32, 32
32, 32
32, 32
N/A
N/A
ARM Core L2 Cache (kB)
256
256
256
256
N/A
N/A
SHARC+ Core1 (MHz, Max)
450
500
450
500
500
500
SHARC+ Core2 (MHz, Max)
N/A
500
N/A
500
500
500
SHARC L1 SRAM (kB)
1 × 384
2 × 384
1 × 384
2 × 384
2 × 384
2 × 384
L2 SRAM (Shared) (MB)
1
1
1
1
1
1
DDR3/DDR2/LPDDR1 Controller
(16-bit)
N/A
N/A
1
1
N/A
1
USB 2.0 HS + PHY (Host/Device/OTG)
N/A
N/A
1
1
N/A
N/A
EMAC Std/AVB + Timer IEEE 1588
10/100
10/100
10/100/1000
10/100/1000
N/A
N/A
SDIO/eMMC
N/A
N/A
1
1
N/A
N/A
MLB 3-Pin/6-Pin
3-pin
3-pin
6-pin/3-pin
6-pin/3-pin
3-pin
6-pin/3-pin
Link Ports
1
122
1
2
GPIO Ports
Port A to D
Port A to D
Port A to F
Port A to F
Port A to D
Port A to F
GPIO + DAI Pins
64 + 20
64 + 20
92 + 20
92 + 20
64 + 20
92 + 20
Package Options
176-LQFP
176-LQFP
400-BGA
400-BGA
176-LQFP
400-BGA
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com