Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC570 Datasheet(PDF) 9 Page - Analog Devices

Part # ADSP-SC570
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC570 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-SC570 Datasheet HTML 5Page - Analog Devices ADSP-SC570 Datasheet HTML 6Page - Analog Devices ADSP-SC570 Datasheet HTML 7Page - Analog Devices ADSP-SC570 Datasheet HTML 8Page - Analog Devices ADSP-SC570 Datasheet HTML 9Page - Analog Devices ADSP-SC570 Datasheet HTML 10Page - Analog Devices ADSP-SC570 Datasheet HTML 11Page - Analog Devices ADSP-SC570 Datasheet HTML 12Page - Analog Devices ADSP-SC570 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 142 page
background image
Rev. B
|
Page 9 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
Single-Instruction, Multiple Data (SIMD) Computational
Engine
The SHARC+ core contains two computational processing ele-
ments that operate as a single-instruction, multiple data (SIMD)
engine.
The processing elements are referred to as PEx and PEy data
registers and each contain an arithmetic logic unit (ALU), mul-
tiplier, shifter, and register file. PEx is always active and PEy is
enabled by setting the PEYEN mode bit in the mode control
register (MODE1).
SIMD mode allows the processors to execute the same instruc-
tion in both processing elements, but each processing element
operates on different data. This architecture efficiently executes
math intensive DSP algorithms. In addition to all the features of
previous generation SHARC cores, the SHARC+ core also pro-
vides a new and simpler way to execute an instruction only on
the PEy data register.
SIMD mode also affects the way data transfers between memory
and the processing elements because to sustain computational
operation in the processing elements requires twice the data
bandwidth. Therefore, entering SIMD mode doubles the band-
width between memory and the processing elements. When
using the DAGs to transfer data in SIMD mode, two data values
transfer with each memory or register file access.
Independent Parallel Computation Units
Within each processing element is a set of pipelined computa-
tional units. The computational units consist of a multiplier,
arithmetic/logic unit (ALU), and shifter. These units are
arranged in parallel, maximizing computational throughput.
These computational units support IEEE 32-bit single-precision
floating-point, 40-bit extended-precision floating-point, IEEE
64-bit double-precision floating-point, and 32-bit fixed-point
data formats.
A multifunction instruction set supports parallel execution of
the ALU and multiplier operations. In SIMD mode, the parallel
ALU and multiplier operations occur in both processing ele-
ments per core.
All processing operations take one cycle to complete. For all
floating-point operations, the processor takes two cycles to
complete in case of data dependency. Double-precision float-
ing-point data take two to six cycles to complete. The processor
stalls for the appropriate number of cycles for an interlocked
pipeline plus data dependency check.
Core Timer
Each SHARC+ processor core also has a timer. This extra timer
is clocked by the internal processor clock and is typically used as
a system tick clock for generating periodic operating system
interrupts.
Data Register File
Each processing element contains a general-purpose data regis-
ter file. The register files transfer data between the computation
units and the data buses, and store intermediate results. These
10-port, 32-register register files (16 primary, 16 secondary),
combined with the enhanced Harvard architecture of the pro-
cessor, allow unconstrained data flow between computation
units and internal memory. The registers in the PEx data regis-
ter file are referred to as R0–R15 and in the PEy data register file
as S0–S15.
Context Switch
Many of the registers of the processor have secondary registers
that can activate during interrupt servicing for a fast context
switch. The data, DAG, and multiplier result registers have sec-
ondary registers. The primary registers are active at reset, while
control bits in MODE1 activate the secondary registers.
Universal Registers
General-purpose tasks use the universal registers. The four
USTAT registers allow easy bit manipulations (set, clear, toggle,
test, XOR) for all control and status peripheral registers.
The data bus exchange register (PX) permits data to pass
between the 64-bit PM data bus and the 64-bit DM data bus or
between the 40-bit register file and the PM or DM data bus.
These registers contain hardware to handle the data width
difference.
Data Address Generators (DAG) With Zero-Overhead
Hardware Circular Buffer Support
For indirect addressing and implementing circular data buffers
in hardware, the ADSP-SC57x/ADSP-2157x processor uses the
two data address generators (DAGs). Circular buffers allow effi-
cient programming of delay lines and other data structures
required in digital signal processing, and are commonly used in
digital filters and fast Fourier transforms (FFT). The two DAGs
of the processors contain sufficient registers to allow the cre-
ation of up to 32 circular buffers (16 primary register sets and
16 secondary sets). The DAGs automatically handle address
pointer wraparound, reduce overhead, increase performance,
and simplify implementation. Circular buffers can start and end
at any memory location.
Flexible Instruction Set Architecture (ISA)
The flexible instruction set architecture (ISA), a 48-bit instruc-
tion word, accommodates various parallel operations for
concise programming. For example, the processors can condi-
tionally execute a multiply, an add, and a subtract in both
processing elements while branching and fetching up to four
32-bit values from memory—all in a single instruction. Addi-
tionally, the double-precision floating-point instruction set is an
addition to the SHARC+ core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com