| Electronic Components Datasheet Search |
|
ADSP-SC570 Datasheet(PDF) 49 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC570 Datasheet(HTML) 49 Page - Analog Devices |
|
49 / 142 page ![]() Rev. B | Page 49 of 142 | June 2018 ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573 HADC0_VIN7 a NA none none VDD_HADC Desc: HADC0 Analog Input at channel 7 Notes: Connect to GND through a resistor if not used4 HADC0_VREFN s NA none none VDD_HADC Desc: HADC0 Ground Reference for ADC Notes: Connect to GND if HADC and TMU are not used HADC0_VREFP s NA none none VDD_HADC Desc: HADC0 External Reference for ADC Notes: No notes JTG_TCK Input PullUp none VDD_EXT Desc: JTAG Clock Notes: No notes JTG_TDI Input PullUp none VDD_EXT Desc: JTAG Serial Data In Notes: No notes JTG_TDO Output A none High-Z when JTG_TRST is low, not affected by SYS_HWRST VDD_EXT Desc: JTAG Serial Data Out Notes: No notes JTG_TMS InOut A PullUp none VDD_EXT Desc: JTAG Mode Select Notes: No notes JTG_TRST Input PullDown none VDD_EXT Desc: JTAG Reset Notes: No notes MLB0_CLKN Input NA Internal logic ensures that input signal does not float none VDD_EXT Desc: MLB0 Differential Clock (–) Notes: No notes MLB0_CLKP Input NA Internal logic ensures that input signal does not float none VDD_EXT Desc: MLB0 Differential Clock (+) Notes: No notes MLB0_DATN InOut I Internal logic ensures that input signal does not float none VDD_EXT Desc: MLB0 Differential Data (–) Notes: No notes MLB0_DATP InOut I Internal logic ensures that input signal does not float none VDD_EXT Desc: MLB0 Differential Data (+) Notes: No notes MLB0_SIGN InOut I Internal logic ensures that input signal does not float none VDD_EXT Desc: MLB0 Differential Signal (–) Notes: No notes MLB0_SIGP InOut I Internal logic ensures that input signal does not float none VDD_EXT Desc: MLB0 Differential Signal (+) Notes: No notes PA_00 InOut A Programmable PullUp1 none VDD_EXT Desc: PORTA Position 0 Notes: See note2 PA_01 InOut A Programmable PullUp1 none VDD_EXT Desc: PORTA Position 1 Notes: See note2 PA_02 InOut A Programmable PullUp1 none VDD_EXT Desc: PORTA Position 2 Notes: See note2 PA_03 InOut A Programmable PullUp1 none VDD_EXT Desc: PORTA Position 3 Notes: See note2 PA_04 InOut A Programmable PullUp1 none VDD_EXT Desc: PORTA Position 4 Notes: See note2 Table 25. ADSP-SC57x/ADSP-2157x Designer Quick Reference (Continued) Signal Name Type Driver Type Internal Termination Reset Drive Power Domain Description and Notes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |