Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC3129
Description  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3129 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC3129 Datasheet HTML 26Page - Analog Devices LTC3129 Datasheet HTML 27Page - Analog Devices LTC3129 Datasheet HTML 28Page - Analog Devices LTC3129 Datasheet HTML 29Page - Analog Devices LTC3129 Datasheet HTML 30Page - Analog Devices LTC3129 Datasheet HTML 31Page - Analog Devices LTC3129 Datasheet HTML 32Page - Analog Devices LTC3129 Datasheet HTML 33Page - Analog Devices LTC3129 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LTC3114-1
34
Rev. D
For more information www.analog.com
ANALOG DEVICES, INC. 2020
www.analog.com
05/20
RELATED PARTS
TYPICAL APPLICATION
PART
NUMBER
DESCRIPTION
COMMENTS
LTC3534
7V, 500mA (IOUT), 1MHz Synchronous Buck-Boost
DC/DC Converter
94% Efficiency, VIN: 2.4V to 7V, VOUT: 1.8V to 7V, IQ = 25µA, ISD < 1µA,
DFN and GN Packages
LTC3112
2.5A (IOUT), Synchronous Buck-Boost DC/DC Converter
VIN: 2.7V to 15V, VOUT: 2.5V to 14V, IQ = 40µA, ISD < 1µA, DFN and TSSOP
Packages
LTC3115-1 40V, 2A Synchronous Buck-Boost DC/DC Converter
VIN, VOUT: 2.7V to 40V, IQ = 30µA, ISD = 3µA, DFN and TSSOP Packages
LTC3785
≤10A (IOUT), High Efficiency, 1MHz Synchronous, No RSENSE™
Buck-Boost DC/DC Controller
VIN: 2.7V to 10V, VOUT: 2.7V to 10V, IQ = 86µA, ISD < 15µA, QFN Package
LTC3789
Buck-Boost DC/DC Controller
96% Efficiency, VIN: 4.5V to 38V, VOUT: 0.8V to 38V, 4mm × 5mm QFN and
SSOP Packages
LTM®4605
4.5V to 20V, 10A Buck-Boost µModule® Regulator
High Power Buck-Boost µModule Regulator
LTC3129
15.75V, 200mA Buck-Boost DC/DC Converter with 1.3µA IQ
VIN: 2.42V to 15.75V, VOUT: 1.4V to 15V, IQ = 1.3µA, ISD = 10nA, DFN and
MS Packages
LTC3129-1 15.75V, 200mA Buck-Boost DC/DC Converter with 1.3µA IQ
and Programmable Output Voltages
VIN: 2.42V to 15.75V, VOUT: Pin Programmable 2.5V to 15V, IQ = 1.3µA,
ISD = 10nA, DFN and MS Packages
LTC3118
10V, 2A Synchronous Buck-Boost DC/DC Converter with Low
Loss Dual Input PowerPath™
VIN: 2.2V to 10V, VOUT: 2.0V to 16V, IQ = 50µA, ISD < 1µA, 4mm × 5mm
QFN and TSSOP Packages
Wide VIN Range 5V, 1A Regulator with Bootstrapped LDO and Custom UVLO Threshold
6.8µH
SW1
SW2
GND
PGND
BST1
68nF
4.7µF
BAT54
4700pF
10pF
27.4k
499k
31141 TA06
2M
20k
1.4M
604k
10nF
68nF
BST2
VIN
PVOUT
PVIN
LDO
PLDO
FB
RUN
10µF
VIN
3.75V TO 40V
ON: VIN > 4V
OFF: VIN < 3.75V
VC
PROG
MODE
30µF
IMPROVES
EFFICIENCY
AT HIGH VIN
VOUT
5V AT 1A
VIN > 5V
LTC3114-1
INDUCTOR: WURTH 744 065 0068



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com