Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 27 Page - Analog Devices

Part # LTC3129
Description  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3129 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTC3129 Datasheet HTML 23Page - Analog Devices LTC3129 Datasheet HTML 24Page - Analog Devices LTC3129 Datasheet HTML 25Page - Analog Devices LTC3129 Datasheet HTML 26Page - Analog Devices LTC3129 Datasheet HTML 27Page - Analog Devices LTC3129 Datasheet HTML 28Page - Analog Devices LTC3129 Datasheet HTML 29Page - Analog Devices LTC3129 Datasheet HTML 30Page - Analog Devices LTC3129 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
LTC3114-1
27
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
Assuming the error amp zero is designed as just described,
at frequencies above P2 (and Z1), the closed-loop gain of
our system simplifies to:
GCL =
GCS •RLOAD • gm •RZ
VOUT
where:
GCS is the inner current loop closed-loop transconduc-
tance = 1.97A/V
RLOAD is the minimum load resistance in ohms
gm is the transconductance of the error amplifier, 120µS
RZ is the compensation zero setting resistor (one of
our design variables)
VOUT is the output voltage
Our desired closed-loop frequency (fCC) defined earlier is
29kHz. Assuming that we have a single pole response in
our system, we can express the ratio of the closed-loop
crossover frequency to fP1 in the buck mode of operation
as follows:
fCC
fP1
=
GCS •RLOAD • gm •Rz
VO
We can now calculate RZ by rearranging the previous
equation:
RZ =
fCC • VOUT • 2π •COUT
GCS • gm
It’s important to note that the value of RZ is proportional
to the overall crossover frequency, fCC. If we later want to
adjust fCC lower, for example, RZ can be lowered in value
and CP1 increased proportionally to keep the compensa-
tion zero at the same frequency.
As mentioned previously, we will place the zero at fre-
quency P1, yielding:
CP1 =
1
2
π •RZ • fP1
or more simply,
RLOAD •COUT
RZ
where Rl is the minimum load resistance in buck mode,
12Ω in this example.
Quickly substituting our values in the above equations
yields:
RZ = 407k, CP1 = 1.3nF,
but please continue reading as this is not the final answer.
If the inner current loop were an ideal VCCS, then the pre-
viously derived compensation would be sufficient to stabi-
lize the converter. However, the inner current loop utilizes
an operational amplifier with an integral compensation
network, which contributes an additional zero and pole in
the power stage response, the gain peaking, as described
previously. The effect of the additional zero/pole pair
pushes out fCC, our crossover frequency, beyond what
was predicted by the previous calculations. A simplified
approach to calculating our compensation components
then is to re-use the previous equations but scale fCC, the
cross over frequency, by a scaling factor (
α), which will
account for the gain boost present in the system:
fCC′ =
fCC
3
•
α
( ), where α = 0.42
So, in our example, this results in:
fCC′ =
29kHz
3
• 0.42
(
) =4.06kHz
Using the new value of fCC′ in the previous equations for
RZ and CC yields:
RZ =
4.06kHz • 12V • 2
π • 44µF
1.97A
V
•
120µA
V
RZ = 56.9kΩ, use 56.2kΩ
CP1 =
12
Ω • 44µF
56.2k
CP1 = 9.4nF, use 10nF
CP2 is usually chosen to be a small value around 10pF as
it is meant to filter out high frequency switching frequency
related components.
Keep in mind that this analysis assumes that the zero pro-
vided by the output capacitor and its ESR is at a frequency
much higher than fCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com