Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC3129
Description  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3129 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC3129 Datasheet HTML 4Page - Analog Devices LTC3129 Datasheet HTML 5Page - Analog Devices LTC3129 Datasheet HTML 6Page - Analog Devices LTC3129 Datasheet HTML 7Page - Analog Devices LTC3129 Datasheet HTML 8Page - Analog Devices LTC3129 Datasheet HTML 9Page - Analog Devices LTC3129 Datasheet HTML 10Page - Analog Devices LTC3129 Datasheet HTML 11Page - Analog Devices LTC3129 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LTC3114-1
8
Rev. D
For more information www.analog.com
Load Transient in Buck Mode,
100mA to 600mA
Burst Mode Operation to PWM
Mode Output Voltage Response
Load Transient in Boost Mode,
100mA to 600mA
5V Output Voltage Response
to Fast Line Transient
(4V to 28V in 10µs)
Output Voltage Ripple in Burst
Mode Operation
Output Voltage Ripple in
PWM Mode
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C unless otherwise specified)
LOAD
CURRENT
500mA/DIV
VOUT
200mV/DIV
1ms/DIV
VIN = 14V
VOUT = 5V
31141 G28
LOAD
CURRENT
500mA/DIV
VOUT
200mV/DIV
1ms/DIV
VIN = 3.6V
VOUT = 5V
31141 G29
VOUT
50mV/DIV
200µs/DIV
VIN = 14V
LOAD = 10mA
FRONT PAGE CIRCUIT
31141 G30
VOUT
50mV/DIV
LOAD
CURRENT
500mA/DIV
1ms/DIV
31141 G31
VOUT
20mV/DIV
500ns/DIV
31141 G33
VOUT
100mV/DIV
VIN
10V/DIV
50µs/DIV
31141 G32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com