Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC3129
Description  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3129 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC3129 Datasheet HTML 19Page - Analog Devices LTC3129 Datasheet HTML 20Page - Analog Devices LTC3129 Datasheet HTML 21Page - Analog Devices LTC3129 Datasheet HTML 22Page - Analog Devices LTC3129 Datasheet HTML 23Page - Analog Devices LTC3129 Datasheet HTML 24Page - Analog Devices LTC3129 Datasheet HTML 25Page - Analog Devices LTC3129 Datasheet HTML 26Page - Analog Devices LTC3129 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LTC3114-1
23
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
applications are generally similar except that voltage ripple
is generally not a concern. Some capacitors exhibit a high
DC leakage current which may preclude their consideration
for applications that require a very low quiescent current in
Burst Mode operation.
Ceramic capacitors are often utilized in switching con-
verter applications due to their small size, low ESR and
low leakage currents. However, many ceramic capacitors
intended for power applications experience a significant
loss in capacitance from their rated value as the DC bias
voltage on the capacitor increases. It is not uncommon for
a small surface mount capacitor to lose more than 50%
of its rated capacitance when operated near its maximum
rated voltage. This effect is generally reduced as the case
size is increased for the same nominal value capacitor. As
a result, it is often necessary to use a larger value capaci-
tance or a higher voltage rated capacitor than would ordi-
narily be required to actually realize the intended capaci-
tance at the operating voltage of the application. X5R and
X7R dielectric types are recommended as they exhibit
the best performance over the wide operating range and
temperature of the LTC3114-1. To verify that the intended
capacitance is achieved in the application circuit, be sure
to consult the capacitor vendor’s curve of capacitance
versus DC bias voltage.
Programming Custom VIN Turn-On and Turn-Off
Thresholds
With the addition of an external resistor divider connected
to the input voltage as shown in Figure 3, the RUN pin
can be used to program the input voltage at which the
LTC3114-1 is enabled and disabled.
For a rising input voltage, the LTC3114-1 is enabled when
VIN reaches the threshold given by the following equation,
where R1 and R2 are the values of the resistor divider
resistors specified in kΩ:
VTH(RISING) = 1.2
R1
+R2
R2
⎛
⎝⎜
⎞
⎠⎟
 Volts
Once the IC is enabled, it will remain so until the input
voltage drops below the comparator threshold by the
hysteresis voltage of approximately 100mV, measured
on the RUN pin. Therefore, the amount of hysteresis is
approximately 8.33% of the programmed turn-on thresh-
old level given in the previous equation.
Bootstrapping the LDO Regulator
The high and low side gate drivers are powered through
the PLDO rail, which is generated from the input voltage,
VIN, through an internal linear regulator. In some applica-
tions, especially at high input voltages, the power dissipa-
tion in the linear regulator can become a major contributor
to thermal heating of the IC. The Typical Performance
Characteristics section of this data sheet provides data on
the LDO/PLDO current and resulting power loss versus
VIN and VOUT. A significant performance advantage can
be attained in applications where converter output voltage
(VOUT) is programmed to 5V, if VOUT is used to power
the LDO/PLDO rails. Powering the LDO/PLDO rails in this
manner is referred to as bootstrapping. This can be done
by connecting a Schottky diode from VOUT to LDO/PLDO
as shown in Figure 5. With the bootstrap diode installed,
the gate driver currents are supplied by the buck-boost
converter at high efficiency rather than through the inter-
nal linear regulator. The internal linear regulator contains
reverse blocking circuitry that allows LDO/PLDO pins to
be driven slightly above their nominal regulation level with
only a very slight amount of reverse current. Please note
that the bootstrapping supply (either VOUT or a separate
regulator) must be limited to less than 5.7V.
VOUT
4.7µF
31141 F05
PVOUT
LTC3114-1
LDO
PLDO
Figure 5. Bootstrapping PLDO and LDO
Average Output Current Limit Programming
The LTC3114-1 includes an average output current pro-
gramming feature that transforms the LTC3114-1 into
a wide voltage compliance range, high efficiency, con-
stant current source. A resistor from PROG to ground
programs the desired level of average output current up
to 1A. Potential uses include high brightness LED driving
and constant current battery or capacitor charging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com