Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3129
Description  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3129 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3129 Datasheet HTML 5Page - Analog Devices LTC3129 Datasheet HTML 6Page - Analog Devices LTC3129 Datasheet HTML 7Page - Analog Devices LTC3129 Datasheet HTML 8Page - Analog Devices LTC3129 Datasheet HTML 9Page - Analog Devices LTC3129 Datasheet HTML 10Page - Analog Devices LTC3129 Datasheet HTML 11Page - Analog Devices LTC3129 Datasheet HTML 12Page - Analog Devices LTC3129 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LTC3114-1
9
Rev. D
For more information www.analog.com
BLOCK DIAGRAM
+
–
BIAS GENERATOR
1.2MHz OSCILLATOR
RUN
LDO 4.4V
PLDO
MODE
PGND
1.2V
VIN
2.1V
LDO
2.5V
LTC3114-1
GATE DRIVERS
PWM
AVERAGE
CURRENT
AMP
VOLTAGE
ERROR
AMP
SOFT-START
1V
IOUT
25k
BANDGAP REFERENCE POR
OVERTEMPERATURE PROTECTION
+
–
+
–
BST2
BST1
0.1A
PGND
PGND
10µA
OUTPUT
CURRENT
SENSE
MB
MA
MC
MD
SW1
SW2
PVOUT
VIN
PVIN
INDUCTOR
ISENSE
IZERO
REVERSE
BLOCKING
LDO
1V
1V
PROG
FB
VC
GND
31141 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com