Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3129
Description  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3129 Datasheet(HTML) 1 Page - Analog Devices

  LTC3129 Datasheet HTML 1Page - Analog Devices LTC3129 Datasheet HTML 2Page - Analog Devices LTC3129 Datasheet HTML 3Page - Analog Devices LTC3129 Datasheet HTML 4Page - Analog Devices LTC3129 Datasheet HTML 5Page - Analog Devices LTC3129 Datasheet HTML 6Page - Analog Devices LTC3129 Datasheet HTML 7Page - Analog Devices LTC3129 Datasheet HTML 8Page - Analog Devices LTC3129 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LTC3114-1
1
Rev. D
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
40V, 1A Synchronous
Buck-Boost DC/DC Converter with
Programmable Output Current
The LTC®3114-1 is a versatile, wide operating voltage
range synchronous monolithic buck-boost DC/DC con-
verter with programmable average output current. The
LTC3114-1’s proprietary buck-boost PWM control cir-
cuitry delivers low noise operation across the entire
operating voltage range. Current mode control ensures
exceptional line and load transient responses.
Synchronous, internal MOSFET switches and pin select-
able Burst Mode operation maintain high efficiency across
the entire range of load current. Average output current
is programmed with a standard resistor and provides
the basis for wide input range, high efficiency charging
systems or constant current, high efficiency LED drive.
Regulator turn-on is programmable through the accu-
rate RUN pin. Quiescent current is just 3µA in shutdown.
Overtemperature protection, short-circuit protection and
soft-start are integrated. The LTC3114-1 is offered in
16-lead 3mm × 5mm × 0.75mm DFN and 16 lead TSSOP
(FE) packages.
Efficiency vs Input Voltage
APPLICATIONS
n
Regulates VOUT Above, Below or Equal to VIN
n
Single Inductor
n
Wide VIN Range: 2.2V to 40V
n
Wide VOUT Range: 2.7V to 40V
n
1A Output Current in Buck Mode
n
0.5A Output Current, VIN = 3.6V, VOUT = 5V
n
Programmable Average Output Current
n
Up to 96% Efficiency
n
Burst Mode® Operation, 30µA No-Load IQ
n
Current Mode Control
n
1.2MHz Ultralow Noise PWM
n
Accurate RUN Pin Threshold
n
Thermally Enhanced, 16-lead 3mm × 5mm DFN and
TSSOP Packages
n
AEC-Q100 Qualified for Automotive Applications
n
24V/28V Industrial Power Supply
n
12V Lead-Acid to 12V Regulator
n
High Power LED Driver
n
12V/24V Solar Panel Battery Charging Systems
n
Automotive Power Systems
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 6404251, 6166527.
6.8µH
SW1
SW2
GND
PGND
BST1
68nF
4.7µF
4700pF
27.4k
499k
31141 TA01a
2M
20k
33nF
68nF
BST2
VIN
PVOUT
PVIN
LDO
PLDO
FB
RUN
10µF
VIN
2.7V TO 40V
VC
PROG
MODE
30µF
VOUT
5V
1A
VIN > 5V
LTC3114-1
INPUT VOLTAGE (V)
95
90
85
31141 TA01b
70
80
75
1
10
40
ILOAD = 300mA
ILOAD = 600mA


Similar Part No. - LTC3129

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3129 LINEAR-LTC3129 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC3129 LINEAR-LTC3129 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC3129 LINEAR-LTC3129 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC3129 LINEAR-LTC3129 Datasheet
754Kb / 24P
18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
LTC3129 LINEAR-LTC3129 Datasheet
754Kb / 24P
18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
More results

Similar Description - LTC3129

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
LTC3115-1 LINER-LTC3115-1_15 Datasheet
617Kb / 42P
40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115-2 LINER-LTC3115-2_15 Datasheet
775Kb / 42P
40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
LTC3115EDHD-1 LINER-LTC3115EDHD-1 Datasheet
190Kb / 6P
40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-2 LINER-LTC3115EDHD-2 Datasheet
440Kb / 6P
40V, 2A Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com