Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3129
Description  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3129 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3129 Datasheet HTML 7Page - Analog Devices LTC3129 Datasheet HTML 8Page - Analog Devices LTC3129 Datasheet HTML 9Page - Analog Devices LTC3129 Datasheet HTML 10Page - Analog Devices LTC3129 Datasheet HTML 11Page - Analog Devices LTC3129 Datasheet HTML 12Page - Analog Devices LTC3129 Datasheet HTML 13Page - Analog Devices LTC3129 Datasheet HTML 14Page - Analog Devices LTC3129 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LTC3114-1
11
Rev. D
For more information www.analog.com
PIN FUNCTIONS
PLDO (Pin 11): Internal LDO Regulator Output. PLDO is
the output of the internal linear regulator that generates
the LDO rail from VIN. PLDO is also used as the supply
connection to the power switch gate drivers. Pins PLDO
and LDO must be connected together in the application.
BST2 (Pin 12): Flying Capacitor Pin for SW2. This pin
must be connected to SW2 through a 68nF capacitor.
BST2 is used to generate the gate driver rail for power
switch D. Make the PCB trace from BST2 to the boost
capacitor as short and direct as possible.
BST1 (Pin 13): Flying Capacitor Pin for SW1. This pin
must be connected to SW1 through a 68nF capacitor.
BST1 is used to generate the gate driver rail for power
switch A. Make the PCB trace from BST2 to the boost
capacitor as short and direct as possible.
PVIN (Pin 14): Power Input for the Buck-Boost Converter.
A 10µF or larger capacitor must be connected between
PVIN and GND as close to the IC as possible. The bypass
capacitor ground connection should via directly down to
the PCB ground plane. Pins PVIN and VIN must be con-
nected together in the application.
SW1 (Pin 15): Buck-Boost Power Converter Switch
Pin. This pin is connected to one side of the buck-boost
inductor.
MODE (Pin 16): Burst Mode/PWM Mode Control Pin.
Forcing MODE high causes the IC to operate in continu-
ous fixed frequency PWM mode. The nominal switching
frequency in PWM mode is 1.2MHz. Forcing MODE low
enables Burst Mode operation. Burst Mode operation
improves efficiency at light loads by only activating the
buck-boost converter as needed to maintain the nominal
regulated output voltage. If MODE is low, the converter
will automatically transition to PWM mode if the load cur-
rent increases.
OPERATION
INTRODUCTION
The LTC3114-1 is a monolithic, current mode, buck-boost
DC/DC converter that can operate over a wide voltage
range of 2.2V to 40V and provide up to 1A to the load.
Internal, low RDS(ON) N-channel DMOS power switches
reduce solution complexity and maximize efficiency. A
proprietary switch control algorithm allows the buck-
boost converter to maintain output voltage regulation with
input voltages that are above, below or equal to the output
voltage. Transitions between the step-up or step-down
operating modes are seamless and free of transients and
subharmonic switching, making this product ideal for
noise sensitive applications. The LTC3114-1 operates at a
fixed nominal switching frequency of 1.2MHz, which pro-
vides an ideal trade-off between small solution size and
high efficiency. Current mode control provides inherent
input line voltage rejection, simplified compensation and
rapid response to load transients. Burst Mode capability
is also included in the LTC3114-1 and is user selected
via the MODE input pin. In Burst Mode operation, the
LTC3114-1 provides exceptional efficiency at light output
loading conditions by operating the converter only when
necessary to maintain voltage regulation. At higher loads,
the LTC3114-1 automatically switches to fixed frequency
PWM mode when Burst Mode operation is selected. For
5V VOUT applications, the quiescent current in Burst Mode
operation can be as low as 20µA with the internal LDO
regulator bootstrapped to the output voltage. If the appli-
cation requires extremely low noise, continuous PWM
operation can also be selected via the MODE pin. The
LTC3114-1 also features an accurate RUN comparator
threshold with hysteresis. This allows the buck-boost
DC/DC converter to turn on and off at user-selected VIN
voltage thresholds. With a wide voltage range and pro-
grammable output current or monitoring capabilities,
the LTC3114-1 is well suited for many demanding power
conversion needs.
PROGRAMMABLE AVERAGE OUTPUT CURRENT
The LTC3114-1 includes the ability to program an accu-
rate average output current from the buck-boost DC/DC
converter. Whether the application is driving high power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com