Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC3129
Description  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3129 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC3129 Datasheet HTML 24Page - Analog Devices LTC3129 Datasheet HTML 25Page - Analog Devices LTC3129 Datasheet HTML 26Page - Analog Devices LTC3129 Datasheet HTML 27Page - Analog Devices LTC3129 Datasheet HTML 28Page - Analog Devices LTC3129 Datasheet HTML 29Page - Analog Devices LTC3129 Datasheet HTML 30Page - Analog Devices LTC3129 Datasheet HTML 31Page - Analog Devices LTC3129 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
LTC3114-1
28
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
9V to 36V VIN to 12V VOUT Regulator
10µH
SW1
SW2
GND
PGND
BST1
68nF
4.7µF
10nF
10pF
33nF
56.2k
20k
182k
INDUCTOR: WURTH 744 065 100
31141 TA02a
2M
68nF
BST2
VIN
PVOUT
PVIN
LDO
PLDO
FB
RUN
10µF
VIN
9V TO 36V
VC
PROG
MODE
44µF
VOUT
12V AT 1A, VIN > 12V
12V AT 0.7A, VIN > 9V
LTC3114-1
Efficiency vs Input Voltage
Load Step Response
INPUT VOLTAGE (V)
8
87
93
94
95
16
24
28
32
31141 TA02b
91
89
86
92
85
90
88
12
20
36
40
ILOAD = 350mA
LOAD CURRENT
500mA/DIV
VOUT
200mV/DIV
1ms/DIV
31141 TA02c
VIN = 15V
100mA to 700mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com