Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3129
Description  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3129 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3129 Datasheet HTML 16Page - Analog Devices LTC3129 Datasheet HTML 17Page - Analog Devices LTC3129 Datasheet HTML 18Page - Analog Devices LTC3129 Datasheet HTML 19Page - Analog Devices LTC3129 Datasheet HTML 20Page - Analog Devices LTC3129 Datasheet HTML 21Page - Analog Devices LTC3129 Datasheet HTML 22Page - Analog Devices LTC3129 Datasheet HTML 23Page - Analog Devices LTC3129 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LTC3114-1
20
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
A standard application circuit for the LTC3114-1 is shown
on the front page of this data sheet. The appropriate
selection of external components is dependent upon the
required performance of the IC in each particular appli-
cation given considerations and trade-offs such as PCB
area, input and output voltage range, output voltage rip-
ple, required efficiency, thermal considerations and cost.
This section of the data sheet provides some basic guide-
lines and considerations to aid in the selection of external
components and the design of the applications circuit.
LDO Capacitor Selection
The LDO output of the LTC3114-1 is generated from VIN
by a low dropout linear regulator. The LDO regulator has
been designed for stable operation with a wide range
of output capacitors. For most applications, a low ESR
capacitor of at least 4.7µF should be used. The capacitor
should be located as close to the PLDO pin as possible
and connected to the LDO pin and ground through the
shortest traces possible. PLDO is the regulator output
and is also the internal supply pin for the gate drivers
and boost rail charging diodes. The LDO pin is the supply
connection for the remainder of the control circuitry. The
LDO and PLDO pins must be connected together on the
PCB. If the connecting trace cannot be made short, an
additional 0.1µF bypass capacitor should be connected
between the LDO pin and ground as close to the package
pins as possible.
Inductor Selection
The choice of inductor used in LTC3114-1 application circuits
influences the maximum deliverable output current, the con-
verter bandwidth, the magnitude of the inductor current ripple
and the overall converter efficiency. The inductor must have a
low DC series resistance or output current capability and effi-
ciency will be compromised. Larger inductor values reduce
inductor current ripple but will not increase output current
capability as is the case with peak current mode control as
described in the Maximum Output Current section of this data
sheet. Larger value inductors also tend to have a higher DC
series resistance for a given case size, which will have a nega-
tive impact on efficiency. Larger values of inductance will also
lower the right half plane (RHP) zero frequency when operat-
ing in boost mode, which requires the converter bandwidth to
be set lower in frequency, slowing the converter’s response
to load transients. Nearly all LTC3114-1 application circuits
deliver the best performance with an inductor value between
4.7µH and 15µH. Buck mode-only applications can use the
larger inductor values as they are unaffected by the RHP zero,
while mostly boost applications generally require inductance
on the low end of this range depending on how deep they will
operate in boost mode.
Regardless of inductor value, the saturation current rat-
ing should be selected such that it is greater than the
worst-case average inductor current plus half of the ripple
current. The peak-to-peak inductor current ripple for each
operational mode can be calculated from the following
formula, where f is the switching frequency (1.2MHz), L
is the inductance in µH and tLOW is the switch pin mini-
mum low time in µs. The switch pin minimum low time
is typically 0.05µs.
ΔIL(P-P)(BUCK) =
VOUT
L
VIN – VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
1
f
– tLOW
⎛
⎝⎜
⎞
⎠⎟
 Amps
ΔIL(P-P)(BOOST) =
VIN
L
VOUT – VIN
VOUT
⎛
⎝⎜
⎞
⎠⎟
1
f
– tLOW
⎛
⎝⎜
⎞
⎠⎟
 Amps
It should be noted that the worst-case inductor peak-to-
peak inductor ripple current occurs when the duty cycle
in buck mode is maximum (highest VIN) and in boost
mode when the duty cycle is 50% (VOUT = 2 • VIN). As an
example, if VIN (minimum) = 3.6V and VIN (maximum) =
40V, VOUT = 5V and L = 6.8µH, the peak-to-peak inductor
ripples at the voltage extremes (40V VIN for buck and 3.6V
VIN for boost) are:
Buck = 504mA peak-to-peak
Boost = 116mA peak-to-peak
One-half of this inductor ripple current must be added to
the highest expected average inductor current in order to
select the proper saturation current rating for the inductor.
In addition to its influence on power conversion efficiency,
the inductor DC resistance can also impact the maximum
output current capability of the buck-boost converter par-
ticularly at low input voltages. In buck mode, the output
current of the buck-boost converter is primarily limited
by the inductor current reaching the average current limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com