Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC3129
Description  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3129 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC3129 Datasheet HTML 12Page - Analog Devices LTC3129 Datasheet HTML 13Page - Analog Devices LTC3129 Datasheet HTML 14Page - Analog Devices LTC3129 Datasheet HTML 15Page - Analog Devices LTC3129 Datasheet HTML 16Page - Analog Devices LTC3129 Datasheet HTML 17Page - Analog Devices LTC3129 Datasheet HTML 18Page - Analog Devices LTC3129 Datasheet HTML 19Page - Analog Devices LTC3129 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LTC3114-1
16
Rev. D
For more information www.analog.com
OPERATION
slightly above zero current to compensate for comparator
propagation delay. In some cases, the inductor current
may reverse slightly if there is a very high voltage output
or small inductor resulting in a small amount of resid-
ual energy left in the inductor following a zero current
event. In this case the LTC3114-1 SW1 waveform will
display a characteristic half sine wave between the time
at which Izero is detected and when the next switching
cycle commences. This is because SWC is the only active
(on) switch following an IZERO event and this behavior is
not harmful to the LTC3114-1.
Burst Mode Operation
When the MODE pin is held low, the LTC3114-1 is config-
ured for Burst Mode operation. As a result, the buck-boost
DC/DC converter will operate with normal continuous
PWM switching above a predetermined minimum out-
put load and will automatically transition to power saving
Burst Mode operation below this output load level. Refer
to the Typical Performance Characteristics section of this
data sheet to determine the Burst Mode transition thresh-
old for various combinations of VIN and VOUT. If MODE
is low, at light output loads, the LTC3114-1 will go into a
standby or sleep state when the output voltage achieves
its nominal regulation level. The sleep state halts PWM
switching and powers down all non-essential functions
of the IC, significantly reducing the quiescent current of
the LTC3114-1. This greatly improves overall power con-
version efficiency when the output load is light. Since the
converter is not operating in sleep, the output voltage will
slowly decay at a rate determined by the output load resis-
tance and the output capacitor value. When the output
voltage has decayed by a small amount, typically 1%, the
LTC3114-1 will wake and resume normal PWM switch-
ing operation until the voltage on VOUT is restored to the
previous level. If the load is very light, the LTC3114-1
may only need to switch for a few cycles to restore VOUT
and may sleep for extended periods of time, significantly
improving efficiency.
Soft-Start
The LTC3114-1 soft-start circuit minimizes input current
transients and output voltage overshoot on initial power
up. The required timing components for soft-start are
internal to the LTC3114-1 and produce a nominal soft-
start duration of approximately 2ms. The internal soft-
start circuit slowly ramps the error amplifier output, VC.
In doing so, the current command of the IC is also slowly
increased, starting from zero. It is unaffected by output
loading or output capacitor value. Soft-start is reset by
undervoltage lockout on both VIN and LDO, the accurate
RUN pin comparator, thermal shutdown and the overload
current limit as described previously.
LDO REGULATOR
An internal low dropout regulator generates a nominal
4.4V rail from VIN. The LDO rail powers the internal control
circuitry and power device gate drivers of the LTC3114-1.
The LDO regulator is disabled in shutdown to reduce qui-
escent current and is enabled by forcing the RUN pin
above its logic threshold. The LDO regulator includes
current-limit protection to safeguard against accidental
short-circuiting of the LDO rail. In 5V VOUT applications,
the LDO can be driven by VOUT through a Schottky diode,
commonly referred to as bootstrapping. Bootstrapping
can provide a significant efficiency improvement, partic-
ularly when VIN is very high and also allows operation to
the minimum rated input voltage of 2.2V.
UNDERVOLTAGE LOCKOUT
The LTC3114-1 undervoltage lockout (UVLO) circuit dis-
ables operation of the internal power switches and keeps
other IC functions in a reset state if either the input voltage
applied to VIN or the LDO output voltage are below their
respective UVLO thresholds. There are two UVLO circuits,
one that monitors VIN and another that monitors LDO. The
VIN UVLO comparator has a falling voltage threshold of
2.1V (typical). If VIN falls below this level, IC operation is
disabled until VIN rises above 2.2V (typical), as long as
the LDO voltage is above its UVLO threshold. The LDO
UVLO has a falling voltage threshold of 2.4V (typical). If
the LDO voltage falls below this threshold, IC operation
is disabled until LDO rises above 2.5V (typical) as long as
VIN is above its nominal UVLO threshold level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com