Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 29 Page - Analog Devices

Part # LTC3129
Description  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3129 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTC3129 Datasheet HTML 25Page - Analog Devices LTC3129 Datasheet HTML 26Page - Analog Devices LTC3129 Datasheet HTML 27Page - Analog Devices LTC3129 Datasheet HTML 28Page - Analog Devices LTC3129 Datasheet HTML 29Page - Analog Devices LTC3129 Datasheet HTML 30Page - Analog Devices LTC3129 Datasheet HTML 31Page - Analog Devices LTC3129 Datasheet HTML 32Page - Analog Devices LTC3129 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
LTC3114-1
29
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
6V to 40V VIN to 24V VOUT Regulator
Efficiency vs Load Current
12V VIN Synchronous Boost Operation with Inrush Current
Limiting at Start-Up and Output Disconnect in Shutdown
15µH
SW1
SW2
GND
PGND
BST1
68nF
4.7µF
10nF
10pF
33nF
INDUCTOR: WURTH 744 066 150
39.2k
20k
86.6k
31141 TA03a
2M
68nF
BST2
VIN
PVOUT
PVIN
LDO
PLDO
FB
RUN
10µF
VIN
6V TO 40V
VC
PROG
MODE
22µF
VOUT
24V AT 1A, VIN > 24V
24V AT 0.2A, VIN = 6V
LTC3114-1
LOAD CURRENT (mA)
0.1
60
65
70
75
80
1
10
1000
100
31141 TA03b
55
50
45
40
85
95
90
VIN = 12V
INPUT CURRENT
1A/DIV
RUN PIN
2V/DIV
VOUT
10V/DIV
10ms/DIV
31141 TA03c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com