Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 47Page - Renesas Technology Corp RX113 Datasheet HTML 48Page - Renesas Technology Corp RX113 Datasheet HTML 49Page - Renesas Technology Corp RX113 Datasheet HTML 50Page - Renesas Technology Corp RX113 Datasheet HTML 51Page - Renesas Technology Corp RX113 Datasheet HTML 52Page - Renesas Technology Corp RX113 Datasheet HTML 53Page - Renesas Technology Corp RX113 Datasheet HTML 54Page - Renesas Technology Corp RX113 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 51 of 131
Sep 07, 2020
RX113 Group
4. I/O Registers
000A 0090h
USB0
PIPE1 Transaction Counter Enable Register
PIPE1TRE
16
16
9 PCLKB or more
000A 0092h
USB0
PIPE1 Transaction Counter Register
PIPE1TRN
16
16
9 PCLKB or more
000A 0094h
USB0
PIPE2 Transaction Counter Enable Register
PIPE2TRE
16
16
9 PCLKB or more
000A 0096h
USB0
PIPE2 Transaction Counter Register
PIPE2TRN
16
16
9 PCLKB or more
000A 0098h
USB0
PIPE3 Transaction Counter Enable Register
PIPE3TRE
16
16
9 PCLKB or more
000A 009Ah
USB0
PIPE3 Transaction Counter Register
PIPE3TRN
16
16
9 PCLKB or more
000A 009Ch
USB0
PIPE4 Transaction Counter Enable Register
PIPE4TRE
16
16
9 PCLKB or more
000A 009Eh
USB0
PIPE4 Transaction Counter Register
PIPE4TRN
16
16
9 PCLKB or more
000A 00A0h
USB0
PIPE5 Transaction Counter Enable Register
PIPE5TRE
16
16
9 PCLKB or more
000A 00A2h
USB0
PIPE5 Transaction Counter Register
PIPE5TRN
16
16
9 PCLKB or more
000A 00B0h
USB0
BC Control Register 0
USBBCCTRL0
16
16
9 PCLKB or more
000A 00CCh
USB0
USB Module Control Register
USBMC
16
16
9 PCLKB or more
000A 00D0h
USB0
Device Address 0 Configuration Register
DEVADD0
16
16
9 PCLKB or more
000A 00D2h
USB0
Device Address 1 Configuration Register
DEVADD1
16
16
9 PCLKB or more
000A 00D4h
USB0
Device Address 2 Configuration Register
DEVADD2
16
16
9 PCLKB or more
000A 00D6h
USB0
Device Address 3 Configuration Register
DEVADD3
16
16
9 PCLKB or more
000A 00D8h
USB0
Device Address 4 Configuration Register
DEVADD4
16
16
9 PCLKB or more
000A 00DAh
USB0
Device Address 5 Configuration Register
DEVADD5
16
16
9 PCLKB or more
000A 0800h
LCDC
LCD Mode Register 0
LCDM0
8
8
1 or 2 PCLKB
000A 0801h
LCDC
LCD Mode Register 1
LCDM1
8
8
1 or 2 PCLKB
000A 0802h
LCDC
LCD Clock Control Register 0
LCDC0
8
8
1 or 2 PCLKB
000A 0803h
LCDC
LCD Boost Level Control Register
VLCD
8
8
1 or 2 PCLKB
000A 0840h
LCDC
LCD Display Data Register 00
SEG00
8
8
1 or 2 PCLKB
000A 0841h
LCDC
LCD Display Data Register 01
SEG01
8
8
1 or 2 PCLKB
000A 0842h
LCDC
LCD Display Data Register 02
SEG02
8
8
1 or 2 PCLKB
000A 0843h
LCDC
LCD Display Data Register 03
SEG03
8
8
1 or 2 PCLKB
000A 0844h
LCDC
LCD Display Data Register 04
SEG04
8
8
1 or 2 PCLKB
000A 0845h
LCDC
LCD Display Data Register 05
SEG05
8
8
1 or 2 PCLKB
000A 0846h
LCDC
LCD Display Data Register 06
SEG06
8
8
1 or 2 PCLKB
000A 0847h
LCDC
LCD Display Data Register 07
SEG07
8
8
1 or 2 PCLKB
000A 0848h
LCDC
LCD Display Data Register 08
SEG08
8
8
1 or 2 PCLKB
000A 0849h
LCDC
LCD Display Data Register 09
SEG09
8
8
1 or 2 PCLKB
000A 084Ah
LCDC
LCD Display Data Register 10
SEG10
8
8
1 or 2 PCLKB
000A 084Bh
LCDC
LCD Display Data Register 11
SEG11
8
8
1 or 2 PCLKB
000A 084Ch
LCDC
LCD Display Data Register 12
SEG12
8
8
1 or 2 PCLKB
000A 084Dh
LCDC
LCD Display Data Register 13
SEG13
8
8
1 or 2 PCLKB
000A 084Eh
LCDC
LCD Display Data Register 14
SEG14
8
8
1 or 2 PCLKB
000A 084Fh
LCDC
LCD Display Data Register 15
SEG15
8
8
1 or 2 PCLKB
000A 0850h
LCDC
LCD Display Data Register 16
SEG16
8
8
1 or 2 PCLKB
000A 0851h
LCDC
LCD Display Data Register 17
SEG17
8
8
1 or 2 PCLKB
000A 0852h
LCDC
LCD Display Data Register 18
SEG18
8
8
1 or 2 PCLKB
000A 0853h
LCDC
LCD Display Data Register 19
SEG19
8
8
1 or 2 PCLKB
000A 0854h
LCDC
LCD Display Data Register 20
SEG20
8
8
1 or 2 PCLKB
000A 0855h
LCDC
LCD Display Data Register 21
SEG21
8
8
1 or 2 PCLKB
000A 0856h
LCDC
LCD Display Data Register 22
SEG22
8
8
1 or 2 PCLKB
000A 0857h
LCDC
LCD Display Data Register 23
SEG23
8
8
1 or 2 PCLKB
000A 0858h
LCDC
LCD Display Data Register 24
SEG24
8
8
1 or 2 PCLKB
000A 0859h
LCDC
LCD Display Data Register 25
SEG25
8
8
1 or 2 PCLKB
000A 085Ah
LCDC
LCD Display Data Register 26
SEG26
8
8
1 or 2 PCLKB
000A 085Bh
LCDC
LCD Display Data Register 27
SEG27
8
8
1 or 2 PCLKB
000A 085Ch
LCDC
LCD Display Data Register 28
SEG28
8
8
1 or 2 PCLKB
000A 085Dh
LCDC
LCD Display Data Register 29
SEG29
8
8
1 or 2 PCLKB
Table 4.1
List of I/O Registers (Address Order) (22/24)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com