Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 57Page - Renesas Technology Corp RX113 Datasheet HTML 58Page - Renesas Technology Corp RX113 Datasheet HTML 59Page - Renesas Technology Corp RX113 Datasheet HTML 60Page - Renesas Technology Corp RX113 Datasheet HTML 61Page - Renesas Technology Corp RX113 Datasheet HTML 62Page - Renesas Technology Corp RX113 Datasheet HTML 63Page - Renesas Technology Corp RX113 Datasheet HTML 64Page - Renesas Technology Corp RX113 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 61 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
Figure 5.3
Voltage Dependency in Low-Speed Operating Mode (Reference Data)
Note 1. Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up
MOSs are in the off state.
Note 2. The IWDT and LVD are stopped.
Note 3. VCC = 3.3 V.
Note 4. Includes the oscillation circuit.
Table 5.8
DC Characteristics (6)
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Typ.*3
Max.
Unit
Test Conditions
Supply
current*1
Software standby
mode*2
Ta = 25°C
ICC
0.44
0.98
µA
Ta = 55°C
0.80
3.47
Ta = 85°C
2.7
12.0
Ta = 105°C
6.17
42.7
Increment for RTC operation*4
0.31
—
RCR3.RTCDV[2:0] = 010b
1.09
—
RCR3.RTCDV[2:0] = 100b
Increment for LPT operation
0.37
—
LPTCR1.LPCNTCKSEL set to IWDT
dedicated on-chip oscillator
Increment for IWDT operation
0.37
—
0
10
20
30
40
50
60
1.5
2.0
2.5
3.0
3.5
4.0
Ta = 105°C, ICLK = 32 kHz
*2
Ta = 25°C, ICLK = 32 kHz
*1
Ta = 85°C, ICLK = 32 kHz
*2
Note 1. All peripheral operation is normal. Average value of the tested middle samples during product
evaluation.
Note 2. All peripheral operation is maximum. Average value of the tested upper-limit samples during
product evaluation.
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com