Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 76Page - Renesas Technology Corp RX113 Datasheet HTML 77Page - Renesas Technology Corp RX113 Datasheet HTML 78Page - Renesas Technology Corp RX113 Datasheet HTML 79Page - Renesas Technology Corp RX113 Datasheet HTML 80Page - Renesas Technology Corp RX113 Datasheet HTML 81Page - Renesas Technology Corp RX113 Datasheet HTML 82Page - Renesas Technology Corp RX113 Datasheet HTML 83Page - Renesas Technology Corp RX113 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 80 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
5.3.2
Reset Timing
Note 1. When OFS1.(STUPLVD1REN, FASTSTUP) = 11b.
Note 2. When OFS1.(STUPLVD1REN, FASTSTUP)
≠ 11b.
Note 3. When IWDTCR.CKS[3:0] = 0000b.
Figure 5.26
Reset Input Timing at Power-On
Figure 5.27
Reset Input Timing (1)
Figure 5.28
Reset Input Timing (2)
Table 5.23
Reset Timing
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
RES# pulse width
At power-on
tRESWP
3
—
—
ms
Figure 5.26
Other than above
tRESW
30
—
—
µs
Figure 5.27
Wait time after RES#
cancellation
(at power-on)
At normal startup*1
tRESWT
—
8.5
—
ms
Figure 5.26
During fast startup time*2
tRESWT
—
560
—
µs
Wait time after RES# cancellation
(during powered-on state)
tRESWT
—
114
—
µs
Figure 5.27
Independent watchdog timer reset period
tRESWIW
—1
—
IWDT clock
cycle
Figure 5.28
Software reset period
tRESWSW
—
1
—
ICLK cycle
Wait time after independent watchdog timer reset cancellation*3
tRESW2
—
300
—
µs
Wait time after software reset cancellation
tRESW2
—
168
—
µs
VCC
RES#
tRESWP
Internal reset
tRESWT
RES#
Internal reset
tRESWT
tRESW
Independent watchdog timer reset
Software reset
Internal reset
tRESWT2
tRESWIW, tRESWSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com