Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 51Page - Renesas Technology Corp RX113 Datasheet HTML 52Page - Renesas Technology Corp RX113 Datasheet HTML 53Page - Renesas Technology Corp RX113 Datasheet HTML 54Page - Renesas Technology Corp RX113 Datasheet HTML 55Page - Renesas Technology Corp RX113 Datasheet HTML 56Page - Renesas Technology Corp RX113 Datasheet HTML 57Page - Renesas Technology Corp RX113 Datasheet HTML 58Page - Renesas Technology Corp RX113 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 55 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
Note 1. AVCC0 and VCC can be set individually within the operating range, but there are the following restrictions for the voltage
applied to the PJ0 and PJ2 pins, VCC, and AVCC0.
When 12-bit D/A converter used: Voltage applied to port J0 and J2 pins (D/A output voltage)
≤ VCC
When general ports selected: VCC
≤ AVCC0
Note 2. For details, refer to section 36.8.11, Voltage Range of Analog Power Supply Pins in the User’s Manual: Hardware.
Note 3. Sequence of Powering on AVCC0 and VCC
When powering on AVCC0 and VCC, power them on at the same time or VCC first.
Table 5.2
Recommended Operating Conditions
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power supply voltages
VCC*1, *3
When USB not used
1.8
—
3.6
V
When USB used
3.0
—
3.6
VSS
—
0
—
USB power supply voltages
VCC_USB
—
VCC
—
V
VSS_USB
—
0
—
Analog power supply voltages
AVCC0*1, *2, *3
1.8
—
3.6
V
AVSS0
—
0
—
VREFH0
1.8
—
AVCC0
VREFL0
—
0
—
VREFH
1.8
—
AVCC0
VREFL
—
0
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com