Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 54Page - Renesas Technology Corp RX113 Datasheet HTML 55Page - Renesas Technology Corp RX113 Datasheet HTML 56Page - Renesas Technology Corp RX113 Datasheet HTML 57Page - Renesas Technology Corp RX113 Datasheet HTML 58Page - Renesas Technology Corp RX113 Datasheet HTML 59Page - Renesas Technology Corp RX113 Datasheet HTML 60Page - Renesas Technology Corp RX113 Datasheet HTML 61Page - Renesas Technology Corp RX113 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 58 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
Table 5.7
DC Characteristics (5) (1/2)
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Typ
*4
Max
Unit
Test
Conditions
Supply
current*1
High-speed
operating
mode
Normal
operating
mode
No peripheral
operation*2
ICLK = 32 MHz
ICC
3.6
—
mA
ICLK = 16 MHz
2.4
—
ICLK = 8 MHz
1.8
—
All peripheral operation:
Normal*3
ICLK = 32 MHz
14.0
—
ICLK = 16 MHz
7.9
—
ICLK = 8 MHz
4.9
—
All peripheral operation:
Max.*3
ICLK = 32 MHz
—
30.0
Sleep mode
No peripheral
operation*2
ICLK = 32 MHz
1.9
—
ICLK = 16 MHz
1.5
—
ICLK = 8 MHz
1.3
—
All peripheral operation:
Normal*3
ICLK = 32 MHz
8.2
—
ICLK = 16 MHz
4.8
—
ICLK = 8 MHz
3.1
—
Deep sleep
mode
No peripheral
operation*2
ICLK = 32 MHz
1.1
—
ICLK = 16 MHz
0.95
—
ICLK = 8 MHz
0.86
—
All peripheral operation:
Normal*3
ICLK = 32 MHz
6.4
—
ICLK = 16 MHz
3.8
—
ICLK = 8 MHz
2.4
—
Increase during flash rewrite*5
2.5
—
Middle-speed
operating
modes
Normal
operating
mode
No peripheral
operation*6
ICLK = 12 MHz
ICC
2.1
—
mA
ICLK = 8 MHz
1.4
—
ICLK = 1 MHz
0.77
—
All peripheral operation:
Normal*7
ICLK = 12 MHz
6.3
—
ICLK = 8 MHz
4.6
—
ICLK = 1 MHz
1.6
—
All peripheral
operation: Max.*7
ICLK = 12 MHz
—
14.2
Sleep mode
No peripheral
operation*6
ICLK = 12 MHz
1.4
—
ICLK = 8 MHz
0.90
—
ICLK = 1 MHz
0.68
—
All peripheral operation:
Normal*7
ICLK = 12 MHz
3.9
—
ICLK = 8 MHz
2.9
—
ICLK = 1 MHz
1.4
—
Deep sleep
mode
No peripheral
operation*6
ICLK = 12 MHz
1.1
—
ICLK = 8 MHz
0.63
—
ICLK = 1 MHz
0.55
—
All peripheral operation:
Normal*7
ICLK = 12 MHz
3.3
—
ICLK = 8 MHz
2.4
—
ICLK = 1 MHz
1.2
—
Increase during flash rewrite*5
2.5
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com