Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 96Page - Renesas Technology Corp RX113 Datasheet HTML 97Page - Renesas Technology Corp RX113 Datasheet HTML 98Page - Renesas Technology Corp RX113 Datasheet HTML 99Page - Renesas Technology Corp RX113 Datasheet HTML 100Page - Renesas Technology Corp RX113 Datasheet HTML 101Page - Renesas Technology Corp RX113 Datasheet HTML 102Page - Renesas Technology Corp RX113 Datasheet HTML 103Page - Renesas Technology Corp RX113 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 100 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
5.5
A/D Conversion Characteristics
Note:
The characteristics apply when no pin functions other than A/D converter input are used. Absolute accuracy includes
quantization errors. Offset error, full-scale error, DNL differential nonlinearity error, and INL integral nonlinearity error do not
include quantization errors.
Note 1. The conversion time is the sum of the sampling time and the comparison time. As the test conditions, the number of sampling
states is indicated.
Note 2. The value in parentheses indicates the sampling time.
Table 5.37
A/D Conversion Characteristics (1)
Conditions: 2.7 V
≤ VCC = VCC_USB ≤ 3.6 V, 2.7 V ≤ AVCC0 ≤ 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = VREFL0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Min.
Typ.
Max.
Unit
Test Conditions
Frequency
4
—
32
MHz
Resolution
—
—
12
Bit
Conversion time*1
(Operation at
PCLKD = 32 MHz)
Permissible signal
source impedance
(Max.) = 0.3 k
Ω
1.031
(0.313)*2
—
—
µs
High-precision channel
ADCSR.ADHSC bit = 1
ADSSTRn.SST[7:0] bits = 09h
1.375
(0.641)*2
—
—
µs
Normal-precision channel
ADCSR.ADHSC bit = 1
ADSSTRn.SST[7:0] bits = 14h
Analog input effective range
0
—
VREFH0
V
Offset error
—
±0.5
±4.5
LSB
High-precision channel
PJ6PFS.ASEL bit = 1
PJ7PFS.ASEL bit = 1
±6.0
LSB
Other than above
Full-scale error
—
±0.75
±4.5
LSB
High-precision channel
PJ6PFS.ASEL bit = 1
PJ7PFS.ASEL bit = 1
±6.0
LSB
Other than above
Quantization error
—
±0.5
—
LSB
Absolute accuracy
—
±1.25
±5.0
LSB
High-precision channel
PJ6PFS.ASEL bit = 1
PJ7PFS.ASEL bit = 1
±8.0
LSB
Other than above
DNL differential nonlinearity error
—
±1.0
—
LSB
INL integral nonlinearity error
—
±1.0
±3.0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com