Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 99Page - Renesas Technology Corp RX113 Datasheet HTML 100Page - Renesas Technology Corp RX113 Datasheet HTML 101Page - Renesas Technology Corp RX113 Datasheet HTML 102Page - Renesas Technology Corp RX113 Datasheet HTML 103Page - Renesas Technology Corp RX113 Datasheet HTML 104Page - Renesas Technology Corp RX113 Datasheet HTML 105Page - Renesas Technology Corp RX113 Datasheet HTML 106Page - Renesas Technology Corp RX113 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 103 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
Note:
The characteristics apply when no pin functions other than A/D converter input are used. Absolute accuracy includes
quantization errors. Offset error, full-scale error, DNL differential nonlinearity error, and INL integral nonlinearity error do not
include quantization errors.
Note 1. The conversion time is the sum of the sampling time and the comparison time. As the test conditions, the number of sampling
states is indicated.
Note 2. The value in parentheses indicates the sampling time.
Note 1. The internal reference voltage cannot be selected for input channels when AVCC0 < 2.0 V.
Note 2. The A/D internal reference voltage indicates the voltage when the internal reference voltage is input to the A/D converter.
Table 5.40
A/D Conversion Characteristics (4)
Conditions: 2.0 V
≤ VCC = VCC_USB ≤ 3.6 V, 2.0 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V,
ADHVREFCNT.OCSVSEL = 1 (internal reference voltage selected as high-side reference voltage),
PJ7PFS.ASEL = 0 (AVSS0 pin selected as low-side reference power supply ground pin)
Ta = –40 to +105°C
Item
Min.
Typ.
Max.
Unit
Test Conditions
Frequency
1
—
2
MHz
Resolution
—
—
12
Bit
Internal reference voltage
1.36
1.43
1.50
V
Conversion time*1
(Operation at
PCLKD = 2 MHz)
Permissible signal
source impedance
(Max.) = 5.0 k
Ω
16
(1.5)*2
—
—
µs
High-precision channel
ADCSR.ADHSC bit = 0
ADSSTRn.SST[7:0] bits = 02h
17.5
(3.0)*2
—
—
Normal-precision channel
ADCSR.ADHSC bit = 0
ADSSTRn.SST[7:0] bits = 05h
Analog input effective range
0
—
Internal
reference
voltage
V
Offset error
—
—
±24.0
LSB
DNL differential nonlinearity error
—
±16.0
—
LSB
INL integral nonlinearity error
—
±16.0
±32.0
LSB
Table 5.41
A/D Converter Channel Classification
Classification
Channel
Conditions
Remarks
High-precision channel
AN000 to AN007, AN021
AVCC0 = 1.8 to 3.6 V
Pins AN000 to AN007 and AN021
cannot be used as digital outputs
when the A/D converter is in use.
Normal-precision channel
AN008 to AN015
Internal reference voltage input channel
Internal reference voltage
AVCC0 = 2.0 to 3.6 V
Temperature sensor input channel
Temperature sensor output
AVCC0 = 2.0 to 3.6 V
Table 5.42
A/D Internal Reference Voltage Characteristics
Conditions: 2.0 V
≤ VCC = VCC_USB ≤ 3.6 V, 2.0 V ≤ AVCC0 ≤ 3.6 V*1, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Min.
Typ.
Max.
Unit
Test Conditions
Internal reference voltage input channel*2
1.36
1.43
1.50
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com