Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 103Page - Renesas Technology Corp RX113 Datasheet HTML 104Page - Renesas Technology Corp RX113 Datasheet HTML 105Page - Renesas Technology Corp RX113 Datasheet HTML 106Page - Renesas Technology Corp RX113 Datasheet HTML 107Page - Renesas Technology Corp RX113 Datasheet HTML 108Page - Renesas Technology Corp RX113 Datasheet HTML 109Page - Renesas Technology Corp RX113 Datasheet HTML 110Page - Renesas Technology Corp RX113 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 107 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
Table 5.45
D/A Conversion Characteristics (3)
Conditions: 2.0 V
≤ VCC = VCC_USB ≤ 3.6 V, 2.0 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Reference voltage = internal reference voltage selected
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
—
—
12
Bit
Internal reference voltage (Vbgr)
1.36
1.43
1.50
V
Resistive load
30
—
—
k
Ω
Capacitive load
—
—
50
pF
Output voltage range
0.35
—
Vbgr
V
DNL differential nonlinearity error
—
±2.0
±16.0
LSB
INL integral nonlinearity error
—
±8.0
±16.0
LSB
Offset error
—
—
±30
mV
Output resistance
—
75
—
Ω
Conversion time
—
—
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com