Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 105Page - Renesas Technology Corp RX113 Datasheet HTML 106Page - Renesas Technology Corp RX113 Datasheet HTML 107Page - Renesas Technology Corp RX113 Datasheet HTML 108Page - Renesas Technology Corp RX113 Datasheet HTML 109Page - Renesas Technology Corp RX113 Datasheet HTML 110Page - Renesas Technology Corp RX113 Datasheet HTML 111Page - Renesas Technology Corp RX113 Datasheet HTML 112Page - Renesas Technology Corp RX113 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 109 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
5.7
Temperature Sensor Characteristics
5.8
Comparator Characteristics
Table 5.46
Temperature Sensor Characteristics
Conditions: 2.0 V
≤ VCC = VCC_USB ≤ 3.6 V, 2.0 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Relative accuracy
—
—
±1.5
—
°C
2.4 V or above
—
±2.0
—
Below 2.4 V
Temperature slope
—
—
–3.65
—
mV/°C
Output voltage (25°C)
—
—
1.05
—
V
VCC = 3.3 V
Temperature sensor start time
tSTART
——
5
µs
Sampling time
—
5
—
—
µs
Table 5.47
Comparator Characteristics
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
CVREFB0 or CVREFB1 input reference voltage
VREF
0
—
VCC – 1.4
V
CMPB0 or CMPB1 input voltage
VI
–0.3
—
VCC + 0.3
V
Offset
Comparator high-speed mode
—
—
—
50
mV
Comparator high-speed mode
Window function enabled
——
—
60
mV
Comparator low-speed mode
—
—
—
40
mV
Comparator
output delay time
Comparator high-speed mode
Td
—
—
1.2
µs
VCC = 3 V,
input slew rate
≥ 50 mV/µs
Comparator high-speed mode
Window function enabled
Tdw
—
—
2
µs
Comparator low-speed mode
Td
—
—
5
µs
High-side reference voltage
(comparator high-speed mode, window function
enabled)
VRFH
—
0.76 × VCC
—
V
Low-side reference voltage
(comparator high-speed mode, window function
enabled)
VRFL
—
0.24 × VCC
—
V
Operation stabilization wait time
Tcmp
100
—
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com