Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 108Page - Renesas Technology Corp RX113 Datasheet HTML 109Page - Renesas Technology Corp RX113 Datasheet HTML 110Page - Renesas Technology Corp RX113 Datasheet HTML 111Page - Renesas Technology Corp RX113 Datasheet HTML 112Page - Renesas Technology Corp RX113 Datasheet HTML 113Page - Renesas Technology Corp RX113 Datasheet HTML 114Page - Renesas Technology Corp RX113 Datasheet HTML 115Page - Renesas Technology Corp RX113 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 112 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
5.9.2
Internal Voltage Boosting Method
(1)
1/3 Bias Method
Note 1. This is the required wait time from when the reference voltage is specified by the VLCD register (or when the internal voltage
boosting method is selected (LCDM0.MDSET1 and MDSET0 = 01b) if the default reference voltage value is used) until voltage
boosting starts (VLCON = 1).
Note 2. This is the wait time from when voltage boosting is started (VLCON = 1) until display is enabled (LCDON = 1).
Table 5.51
Internal Voltage Boosting Method
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Value
Test Conditions
External capacitance connected between CAPH and CAPL pins
0.47 µF ±30%
External capacitance connected to VL1 to VL4 pins
0.47 µF ±30%
Table 5.52
Internal Voltage Boosting Method LCD Characteristics
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
LCD output voltage variation range
VL1
0.9
1.0
1.08
V
VLCD = 04h
0.95
1.05
1.13
V
VLCD = 05h
1
1.1
1.18
V
VLCD = 06h
1.05
1.15
1.23
V
VLCD = 07h
1.1
1.2
1.28
V
VLCD = 08h
1.15
1.25
1.33
V
VLCD = 09h
1.2
1.3
1.38
V
VLCD = 0Ah
1.25
1.35
1.43
V
VLCD = 0Bh
1.3
1.4
1.48
V
VLCD = 0Ch
1.35
1.45
1.53
V
VLCD = 0Dh
1.4
1.5
1.58
V
VLCD = 0Eh
1.45
1.55
1.63
V
VLCD = 0Fh
1.5
1.6
1.68
V
VLCD = 10h
1.55
1.65
1.73
V
VLCD = 11h
1.6
1.70
1.78
V
VLCD = 12h
1.65
1.75
1.83
V
VLCD = 13h
Doubler output voltage
VL2
2VL1 – 0.10
2VL1
2VL1
V
Tripler output voltage
VL4
3VL1 – 0.15
3VL1
3VL1
V
Reference voltage setup time*1
tVL1S
5—
—
ms
LCD output voltage variation range*2
tVLWT
500
—
—
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com