Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 62Page - Renesas Technology Corp RX113 Datasheet HTML 63Page - Renesas Technology Corp RX113 Datasheet HTML 64Page - Renesas Technology Corp RX113 Datasheet HTML 65Page - Renesas Technology Corp RX113 Datasheet HTML 66Page - Renesas Technology Corp RX113 Datasheet HTML 67Page - Renesas Technology Corp RX113 Datasheet HTML 68Page - Renesas Technology Corp RX113 Datasheet HTML 69Page - Renesas Technology Corp RX113 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 66 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
Note 1. Use a multilayer ceramic capacitor whose nominal capacitance is 4.7 µF and a capacitance tolerance is ±30% or better.
Note:
Do not exceed the permissible total supply current.
Table 5.14
DC Characteristics (12)
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Decoupling capacitance to stabilize the internal voltage
CVCL
4.7 µF +50/–70%*1
Table 5.15
Permissible Output Currents (1)
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V,
Ta = –40 to +85°C (D version)
Item
Symbol
Max.
Unit
Permissible output low current
(average value per pin)
Ports P40 to P44, P46, ports P90 to P92, ports PJ6, PJ7
IOL
0.4
mA
Ports other than above
8.0
Permissible output low current
(maximum value per pin)
Ports P40 to P44, P46, ports P90 to P92, ports PJ6, PJ7
0.4
Ports other than above
8.0
Permissible output low current
Total of ports P40 to P44, P46, ports P90 to P92, ports PJ6,
PJ7
ΣI
OL
2.4
Total of ports P02, P04, P07, P20 to P27, P30, P31, PJ0, PJ2,
PJ3
30
Total of ports P10 to P17, port P32, ports P50 to P56,
ports PB0 to PB7, ports PC0 to PC7
30
Total of ports PA0 to PA7, ports PD0 to PD4, ports PE0 to
PE7, ports PF6, PF7
30
Total of all output pins
60
Permissible output high current
(average value per pin)
Ports P40 to P44, P46, ports P90 to P92, ports PJ6, PJ7
IOH
–0.1
Ports other than above
–4.0
Permissible output high current
(maximum value per pin)
Ports P40 to P44, P46, ports P90 to P92, ports PJ6, PJ7
–0.1
Ports other than above
–4.0
Permissible output high current
Total of ports P40 to P44, P46, ports P90 to P92, ports PJ6,
PJ7
ΣI
OH
–0.6
Total of ports P02, P04, P07, P20 to P27, P30, P31, PJ0, PJ2,
PJ3
–10
Total of ports P10 to P17, port P32, ports P50 to P56,
ports PB0 to PB7, ports PC0 to PC7
–15
Total of ports PA0 to PA7, ports PD0 to PD4, ports PE0 to
PE7, ports PF6, PF7
–15
Total of all output pins
–40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com