Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 59Page - Renesas Technology Corp RX113 Datasheet HTML 60Page - Renesas Technology Corp RX113 Datasheet HTML 61Page - Renesas Technology Corp RX113 Datasheet HTML 62Page - Renesas Technology Corp RX113 Datasheet HTML 63Page - Renesas Technology Corp RX113 Datasheet HTML 64Page - Renesas Technology Corp RX113 Datasheet HTML 65Page - Renesas Technology Corp RX113 Datasheet HTML 66Page - Renesas Technology Corp RX113 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 63 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
Note 1. Total power dissipated by the entire chip (including output currents).
Note 2. Please contact Renesas Electronics sales office for derating under Ta = +85°C to 105°C. Derating is the systematic reduction of
load for the sake of improved reliability.
Table 5.9
DC Characteristics (7)
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V
Item
Symbol
Typ.
Max.
Unit
Test Conditions
Permissible total consumption power*1
Pd
—
300
mW
D version (Ta = –40 to 85°C)
—
105
G version (Ta = –40 to 105°C)*2
Table 5.10
DC Characteristics (8) (1/2)
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.*7
Max.
Unit
Test
Conditions
Analog power
supply current
During A/D conversion (at high-speed conversion)
IAVCC
—0.7
1.2
mA
During D/A conversion (per channel)
—
0.4
0.8
Waiting for A/D and D/A conversion (all units)
—
—
0.4
µA
Reference
power supply
current
During A/D conversion (at high-speed conversion)
IREFH0
—25
52
µA
Waiting for A/D conversion (all units)
—
—
60
nA
During D/A conversion
IREFH
—
50
100
µA
Waiting for D/A conversion (all units)
—
—
100
nA
LDV1, 2
Per channel
ILVD
—0.15—
µA
Temperature
sensor*6
—ITEMP
—75
—
µA
Comparator B
operating
current*6
Window mode
ICMP*4
—
12.5
—
µA
Comparator high-speed mode
—
6.5
—
µA
Comparator low-speed mode
—
1.7
—
µA
LCD operating
current*6
External resistance division method*8
fLCD = fSUB = 128 Hz, 1/3 bias, and 4-time slice
ILCD1*5
—0.04—
µA
Internal voltage boosting method (VLCD.VLCD = 04)
fLCD = fSUB = 128 Hz, 1/3 bias, and 4-time slice
ILCD2*5
—0.85—
µA
Internal voltage boosting method (VLCD.VLCD = 12)
fLCD = fSUB = 128 Hz, 1/3 bias, and 4-time slice
ILCD2*5
—1.55—
µA
Capacitor split method
fLCD = fSUB = 128 Hz, 1/3 bias, and 4-time slice
ILCD3*5
—0.20—
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com