Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 64Page - Renesas Technology Corp RX113 Datasheet HTML 65Page - Renesas Technology Corp RX113 Datasheet HTML 66Page - Renesas Technology Corp RX113 Datasheet HTML 67Page - Renesas Technology Corp RX113 Datasheet HTML 68Page - Renesas Technology Corp RX113 Datasheet HTML 69Page - Renesas Technology Corp RX113 Datasheet HTML 70Page - Renesas Technology Corp RX113 Datasheet HTML 71Page - Renesas Technology Corp RX113 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 68 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
Note 1. There are restrictions on AVCC0 and VCC depending on the usage conditions for the 12-bit D/A converter and I/O ports.
When using ports PJ0 and PJ2 multiplexed with DA0 and DA1 as general I/O ports, make sure that VCC
≤ AVCC0.
Note 1. There are restrictions on AVCC0 and VCC depending on the usage conditions for the 12-bit D/A converter and I/O ports.
When using ports PJ0 and PJ2 multiplexed with DA0 and DA1 as general I/O ports, make sure that VCC
≤ AVCC0.
Table 5.17
Output Values of Voltage (1)
Conditions: 2.7 V
≤ VCC = VCC_USB ≤ 3.6 V, 2.7 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Max.
Unit
Test Conditions
Low-level
output
voltage
All output ports
(except for RIIC, ports P40 to P44, P46, ports
P90 to P92, ports PJ6, PJ7)
VOL
—0.6
V
IOL = 3.0 mA
—0.4
IOL = 1.5 mA
Ports P40 to P44, P46, ports P90 to P92,
ports PJ6, PJ7
—0.4
IOL = 0.4 mA
RIIC pins
Standard mode
—
0.4
IOL = 3.0 mA
Fast mode
—
0.6
IOL = 6.0 mA
High-level
output
voltage
All output ports (except for ports P40 to P44,
P46, ports P90 to P92, ports PJ6, PJ7)*1
VOH
VCC – 0.5
—
V
IOH = –2.0 mA
Ports P40 to P44, P46, ports P90 to P92,
ports PJ6, PJ7
AVCC0 – 0.5
—
IOH = –0.1 mA
Table 5.18
Output Values of Voltage (2)
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 2.7 V, 1.8 V ≤ AVCC0 ≤ 2.7 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Max.
Unit
Test Conditions
Low-level
output
voltage
All output ports (except for ports P40 to P44,
P46, ports P90 to P92, ports PJ6, PJ7)
VOL
—0.6
V
IOL = 1.5 mA
Ports P40 to P44, P46, ports P90 to P92,
ports PJ6, PJ7
—0.4
IOL = 0.4 mA
High-level
output
voltage
All output ports (except for ports P40 to P44,
P46, ports P90 to P92, ports PJ6, PJ7)*1
VOH
VCC – 0.5
—
V
IOH = –1.0 mA
Ports P40 to P44, P46, ports P90 to P92,
ports PJ6, PJ7
AVCC0 – 0.5
—
IOH = –0.1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com