Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 110Page - Renesas Technology Corp RX113 Datasheet HTML 111Page - Renesas Technology Corp RX113 Datasheet HTML 112Page - Renesas Technology Corp RX113 Datasheet HTML 113Page - Renesas Technology Corp RX113 Datasheet HTML 114Page - Renesas Technology Corp RX113 Datasheet HTML 115Page - Renesas Technology Corp RX113 Datasheet HTML 116Page - Renesas Technology Corp RX113 Datasheet HTML 117Page - Renesas Technology Corp RX113 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 114 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
5.9.3
Capacitor Split Method
(1)
1/3 Bias Method
Note 1. This is the wait time from when voltage bucking is started (VLCON = 1) until display is enabled (LCDON = 1).
Figure 5.61
LCD Reference Voltage Setup Time, Voltage Boosting Wait Time, and Capacitor Split
Wait Time
Table 5.54
Capacitor Split Method
Conditions: 2.2 V
≤ VCC = VCC_USB ≤ 3.6 V, 2.2 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Value
Test Conditions
External capacitance connected between CAPH and CAPL pins
0.47 µF ±30%
External capacitor connected to VL1 pin
0.47 µF ±30%
External capacitor connected to VL2 pin
0.47 µF ±30%
External capacitor connected to VL4 pin
0.47 µF ±30%
Table 5.55
Capacitor Split Method LCD Characteristics
Conditions: 2.2 V
≤ VCC = VCC_USB ≤ 3.6 V, 2.2 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
VL4 voltage
VL4
—VCC
—
V
VL2 voltage
VL2
2/3VL4 – 0.07
2/3VL4
2/3VL4 + 0.07
V
VL1 voltage
VL1
1/3VL4 – 0.08
2/3VL4
2/3VL4 + 0.08
V
Capacitor split wait time*1
tWAIT
100
—
—
ms
00b
01b or 10b
tVL1S
tVLWT, tWAIT
MDSET1,
MDSET0
VLCON
LCDON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com