Electronic Components Datasheet Search
  English  ▼

X  

ADA4355 Datasheet(PDF) 32 Page - Analog Devices

Part # ADA4355
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADA4355 Datasheet HTML 28Page - Analog Devices ADA4355 Datasheet HTML 29Page - Analog Devices ADA4355 Datasheet HTML 30Page - Analog Devices ADA4355 Datasheet HTML 31Page - Analog Devices ADA4355 Datasheet HTML 32Page - Analog Devices ADA4355 Datasheet HTML 33Page - Analog Devices ADA4355 Datasheet HTML 34Page - Analog Devices ADA4355 Datasheet HTML 35Page - Analog Devices ADA4355 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 32 of 45
Output Test
Mode Bit
Sequence
Pattern Name
Digital Output Word 1
Digital Output Word 2
Subject to
Data Format
Select
Notes
0101
PN sequence long1
Not applicable
Not applicable
Yes
PN23
ITU 0.150
X23 + X18 + 1
0110
PN sequence short1
Not applicable
Not applicable
Yes
PN9
ITU 0.150
X9 + X5 + 1
0111
One-/zero-word
toggle
1111 1111 1111 (12-bit)
111 1111 1111 1100 (16-bit)
0000 0000 0000 (12-bit)
0000 0000 0000 0000 (16-bit)
No
Not
applicable
1000
User input
Register 0x19 and Register 0x1A
Register 0x1B and Register 0x1C
No
Not
applicable
1001
1-/0-bit toggle
1010 1010 1010 (12-bit)
1010 1010 1010 1000 (16-bit)
Not applicable
No
Not
applicable
1010
1× sync
0000 0011 1111 (12-bit)
0000 0001 1111 1100 (16-bit)
Not applicable
No
Not
applicable
1011
One bit high
1000 0000 0000 (12-bit)
1000 0000 0000 0000 (16-bit)
Not applicable
No
Pattern
associated
with the
external ball
1100
Mixed frequency
1010 0011 0011 (12-bit)
1010 0001 1001 1100 (16-bit)
Not applicable
No
Not
applicable
1
All test mode options except pseudorandom number (PN) sequence short and PN sequence long can support 12-bit to 16-bit word lengths to verify data capture to the
receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com