Electronic Components Datasheet Search
  English  ▼

X  

ADA4355 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4355
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4355 Datasheet HTML 23Page - Analog Devices ADA4355 Datasheet HTML 24Page - Analog Devices ADA4355 Datasheet HTML 25Page - Analog Devices ADA4355 Datasheet HTML 26Page - Analog Devices ADA4355 Datasheet HTML 27Page - Analog Devices ADA4355 Datasheet HTML 28Page - Analog Devices ADA4355 Datasheet HTML 29Page - Analog Devices ADA4355 Datasheet HTML 30Page - Analog Devices ADA4355 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 27 of 45
APPLICATIONS INFORMATION
POWER AND POWER CONTROL
The 12 mm × 6 mm CSP_BGA has multiple balls designated to
support the ADA4355 power requirements, with 12 balls
assigned to VCC, and one ball each to VEA, VED, and VLD.
Connect VCC to a clean 3.3 V supply to provide power to the
ADA4355 analog core and on-chip LDO. It is important to
connect all VCC balls to the 3.3 V supply. VLD is the on-chip
1.8 V LDO output, and VEA and VED are the ADC supply balls.
To power the ADC via the on-chip LDO, connect VLD to VEA
and VED, and pull VLDEN high (see Figure 3).
If external 1.8 V supplies are desired, disable the on-chip LDO by
pulling VLDEN low and connect VEA and VED to an external
1.8 V supply (see Figure 4).
Ground
The ADA4355 has multiple balls assigned as GND. There is no
connection between the GND balls inside the package.
Therefore, connect all GND balls to a low impedance GND
plane on the PCB.
CLOCKS
For optimum performance, drive the ADC sample clock inputs,
CLKP and CLKN, with a differential signal. The clock signal is
typically ac-coupled into the CLKP and CLKN balls via a
transformer or capacitors. These balls are biased internally
(see Figure 73) and require no external bias.
Clock Input Options
The ADA4355 has a flexible clock input structure. The clock
input can be a CMOS, LVDS, low voltage, positive emitter
coupled logic (LVPECL), or sine wave signal. Regardless of
the type of signal used, clock source jitter is an important
consideration, as described in the Jitter Considerations section.
Figure 79 and Figure 80 show two preferred methods for
clocking the ADA4355 (at clock rates up to 1 GHz prior to the
internal clock divider). A low jitter clock source is converted
from a single-ended signal to a differential signal using either
an RF transformer or an RF balun.
0.1µF
0.1µF
0.1µF
0.1µF
CLOCK
INPUT
50Ω
100Ω
CLKN
CLKP
ADC
Mini-Circuits®
ADT1-1WT, 1:1 Z
XFMR
Figure 79. Transformer-Coupled Differential Clock (Up to 200 MHz)
0.1µF
0.1µF
0.1µF
CLOCK
INPUT
0.1µF
50Ω
CLKN
CLKP
ADC
Figure 80. Balun-Coupled Differential Clock (up to 1 GHz)
The RF balun configuration is recommended for clock
frequencies between 125 MHz and 1 GHz, and the RF
transformer configuration is recommended for clock
frequencies from 10 MHz to 200 MHz.
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input
balls, as shown in Figure 81. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516-0/AD9516-1/AD9516-2/
AD9516-3/AD9516-4/AD9516-5/AD9517-0/AD9517-1/
AD9517-2/AD9517-3/AD9517-4 PECL drivers offer excellent
jitter performance.
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50kΩ
50kΩ
CLKN
CLKP
CLOCK
INPUT
CLOCK
INPUT
ADC
PECL DRIVER
Figure 81. Differential PECL Sample Clock (up to 1 GHz)
A third option is to ac couple a differential LVDS signal to the
sample clock input balls, as shown in Figure 82. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516-0/
AD9516-1/AD9516-2/AD9516-3/AD9516-4/AD9516-5/
AD9517-0/AD9517-1/AD9517-2/AD9517-3/AD9517-4
LVDS drivers offer excellent jitter performance.
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLKN
CLKP
ADC
CLOCK
INPUT
CLOCK
INPUT
LVDS DRIVER
Figure 82. Differential LVDS Sample Clock (up to 1 GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com