Electronic Components Datasheet Search
  English  ▼

X  

ADA4355 Datasheet(PDF) 33 Page - Analog Devices

Part # ADA4355
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADA4355 Datasheet HTML 29Page - Analog Devices ADA4355 Datasheet HTML 30Page - Analog Devices ADA4355 Datasheet HTML 31Page - Analog Devices ADA4355 Datasheet HTML 32Page - Analog Devices ADA4355 Datasheet HTML 33Page - Analog Devices ADA4355 Datasheet HTML 34Page - Analog Devices ADA4355 Datasheet HTML 35Page - Analog Devices ADA4355 Datasheet HTML 36Page - Analog Devices ADA4355 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 33 of 45
OTDR PERFORMANCE
The adjustable transimpedance gain and LPF bandwidth of the
ADA4355 enable the device to deliver excellent performance over
a wide range of OTDR applications. The combination of a 200 kΩ
transimpedance gain and a 1 MHz LPF cutoff frequency enables
the ADA4355 to reach the low noise levels needed to achieve
the dynamic range required for long haul OTDR applications.
Conversely, the combination of a 2 kΩ gain and a 100 MHz
LPF cutoff frequency provides the higher bandwidth needed for
the narrow pulse widths that are required for the closely spaced
event detection necessary for data center applications.
In addition, an extension in dynamic range can be realized by
combining multiple gain measurements into a single result.
This technique is discussed in the Dynamic Range Extension
section.
High Dynamic Range
Figure 92 shows the OTDR test setup used to measure 160 km
of optical fiber. The transimpedance gain was set to 200 kΩ, and
the LPF was set to 1 MHz. The laser pulse width was 20 µs with
a peak pulsed power of 15 dBm and an avalanche photodiode
(APD) current gain of 3. The measurement time was limited to
3 minutes, allowing for 65,000 averages, which lowered the noise
level to approximately 14 pA rms. Using the SNR = 1
calculation, the OTDR dynamic range achieved is 28 dB.
Additional digital filtering can be used to further lower the
noise for improved dynamic range. Applying a simple moving
average filter with a window size of 1000 samples improves the
dynamic range to 31 dB. Figure 91 shows a comparison of the
OTDR results for before digital filtering and after digital
filtering.
20
0
40
60
80
100
120
140
160
180
DISTANCE (km)
–35
–30
–25
–20
–15
–10
–5
0
5
BEFORE DIGITAL FILTERING
AFTER DIGITAL FILTERING
Figure 91. OTDR Measurement on 160 km Optical Fiber
1km
40km
APD AND BIAS
LASER AND
DRIVER
FPGA
OTDR TRACE
TO DISPLAY
ADA4355
40km
40km
40km
= SC-UPC CONNECTOR
CIRCULATOR
FIBER UNDER TEST
ADC
Figure 92. OTDR Test Set-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com