Electronic Components Datasheet Search
  English  ▼

X  

ADA4355 Datasheet(PDF) 28 Page - Analog Devices

Part # ADA4355
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADA4355 Datasheet HTML 24Page - Analog Devices ADA4355 Datasheet HTML 25Page - Analog Devices ADA4355 Datasheet HTML 26Page - Analog Devices ADA4355 Datasheet HTML 27Page - Analog Devices ADA4355 Datasheet HTML 28Page - Analog Devices ADA4355 Datasheet HTML 29Page - Analog Devices ADA4355 Datasheet HTML 30Page - Analog Devices ADA4355 Datasheet HTML 31Page - Analog Devices ADA4355 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 28 of 45
In some applications, it may be acceptable to drive the sample
clock inputs with a single-ended 1.8 V CMOS signal. In such
applications, drive the CLKP ball directly from a CMOS gate,
and bypass the CLKN ball to ground with a 0.1 µF capacitor
(see Figure 83).
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
50Ω1
1
50Ω RESISTOR IS OPTIONAL.
CLKN
CLKP
ADC
VCC
1kΩ
1kΩ
CLOCK
INPUT
CMOS DRIVER
Figure 83. Single-Ended 1.8 V CMOS Input Clock (up to 200 MHz)
Input Clock Divider
The ADA4355 contains an input clock divider that can divide
the input clock by integer values from 1 to 8. The power-on
default, clock divider ratio is always 1. If a different clock divide
ratio is required, change SPI Register 0x0B. To achieve a given
sample rate, multiply the frequency of the externally applied
clock by the divide value. The increased rate of the external
clock normally results in lower clock jitter, which is beneficial
for intermediate frequency (IF) undersampling applications.
Clock Duty Cycle
The ADC uses both clock edges to generate a variety of internal
timing signals and, as a result, can be sensitive to the clock duty
cycle. Commonly, a ±5% tolerance is required on the clock duty
cycle to maintain dynamic performance characteristics.
The ADA4355 offers a duty cycle stabilizer (DCS) that retimes
the nonsampling (falling) edge, providing an internal clock
signal with a nominal 50% duty cycle. The DCS allows the user
to provide a wide range of clock input duty cycles without
affecting the performance of the ADA4355. Noise and distortion
performance are nearly unchanged for a wide range of duty cycles
with the DCS on. To bypass DCS, the user can change SPI
Register 0x09.
Jitter in the rising edge of the clock is still a concern and is not
easily reduced by the internal stabilization circuit. The duty
cycle control loop does not function for clock rates <20 MHz,
nominally. The loop has a time constant associated with it that
must be considered in applications where the clock rate can
change dynamically. A wait time of 5 µs is required after a
dynamic clock frequency increase or decrease before the DCS
loop relocks to the input signal.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of
the clock input. The following equation shows how signal-to-
noise ratio (SNR) degrades at a given input frequency (fA) due
only to aperture jitter (tJ):
SNR Degradation = 20 log10
×
×
π
J
A t
f
2
1
In this equation, the rms aperture jitter represents the rms of all
jitter sources, including the clock input, analog input signal,
and ADC aperture jitter specifications. IF undersampling
applications are particularly sensitive to jitter. The effect of
jitter alone on SNR, with no other noise contributors, is shown
in Figure 84.
1
10
100
ANALOG INPUT FREQUENCY (MHz)
1000
16 BITS
14 BITS
12 BITS
30
40
50
60
70
80
90
100
110
120
130
0.125ps
0.25ps
0.5ps
1.0ps
2.0ps
10 BITS
8 BITS
RMS CLOCK JITTER REQUIREMENT
Figure 84. Ideal SNR vs. Analog Input Frequency and Jitter
Treat the clock input as an analog signal when aperture jitter
can affect the dynamic range of the ADA4355. Separate clock
driver power supplies from the ADC output driver supplies to
avoid modulating the clock signal with digital noise. Low jitter,
crystal oscillators are the best clock sources. If the clock is
generated from another type of source (by gating, dividing, or
other methods), it is recommended to retime the clock by the
original clock as the last step.
See the AN-501 Application Note and the AN-756 Application
Note for more information about jitter performance as it relates
to the internal ADC of the ADA4355.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com