Electronic Components Datasheet Search
  English  ▼

X  

ADA4355 Datasheet(PDF) 40 Page - Analog Devices

Part # ADA4355
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADA4355 Datasheet HTML 36Page - Analog Devices ADA4355 Datasheet HTML 37Page - Analog Devices ADA4355 Datasheet HTML 38Page - Analog Devices ADA4355 Datasheet HTML 39Page - Analog Devices ADA4355 Datasheet HTML 40Page - Analog Devices ADA4355 Datasheet HTML 41Page - Analog Devices ADA4355 Datasheet HTML 42Page - Analog Devices ADA4355 Datasheet HTML 43Page - Analog Devices ADA4355 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 40 of 45
Reg.
(Hex)
Register Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Comments
0x0D
Test mode (local
except for PN
sequence
resets)
User input test mode:
00 = single,
01 = alternate,
10 = single once,
11 = alternate once (affects
user input test mode only,
Bits[3:0] = 1000)
Reset
PN long
gen
Reset PN
short
gen
Output test mode, Bits[3:0] (local):
0000 = off (default),
0001 = midscale short,
0010 = positive full-scale,
0011 = negative full-scale,
0100 = alternating checkerboard,
0101 = PN23 sequence,
0110 = PN9 sequence,
0111 = one-/zero-word toggle,
1000 = user input,
1001 = 1-/0-bit toggle,
1010 = 1× sync,
1011 = one bit high,
1100 = mixed bit frequency
0x00
When set, the
test data is
placed on the
output balls
in place of
normal data.
0x14
Output mode
Open
LVDS-ANSI/
LVDS-IEEE
option:
0 = LVDS-ANSI,
1 = LVDS-IEEE
reduced range
link (global),
see Table 18
Open
Open
Open
Output
invert
(local)
Open
Output
format:
0 = offset
binary,
1 = twos
comple-
ment
(global)
0x01
Configures
the outputs
and format of
the data.
0x15
Output adjust
Open
Open
Output driver
termination,
Bits[1:0]:
00 = none,
01 = 200 Ω,
10 = 100 Ω,
11 = 100 Ω
Open
Open
Open
Output
drive:
0 = 1×
drive,
1 = 2×
drive
0x00
Determines
LVDS or other
output
properties.
0x16
Output phase
Open
Input clock phase adjust, Bits[6:4]
(value is the number of input clock
cycles of phase delay), see Table 19
Output clock phase adjust, Bits[3:0]
(0000 through 1011), see Table 20
0x03
On devices
using global
clock divide,
Register 0x16
determines
which phase
of the divider
output is used
to supply the
output clock.
Internal
latching is
unaffected.
0x19
USER_PATT1_
LSB (global)
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User Defined
Pattern 1 LSB.
0x1A
USER_PATT1_
MSB (global)
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User Defined
Pattern 1
MSB.
0x1B
USER_PATT2_
LSB (global)
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User Defined
Pattern 2 LSB.
0x1C
USER_PATT2_
MSB (global)
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User Defined
Pattern 2 MSB.
0x21
Serial output
data control
(global)
LVDS
output:
0 = MSB
first
(default),
1 = LSB first
SDR/DDR one-lane/two-lane,
bitwise/bytewise, Bits[6:4]:
000 = SDR two-lane, bitwise,
001 = SDR two-lane, bytewise,
010 = DDR two-lane, bitwise,
011 = DDR two-lane, bytewise (default) ,
100 = DDR one-lane, wordwise
Encode
mode :
0 =
normal
encode
rate mode
(default),
1 = low
encode
mode for
sample
rate of
<20 MSPS
0 = 1×
frame
(default),
1 = 2×
frame
Serial output
number of bits:
00 = 16 bits (default),
10 = 12 bits
0x30
Serial stream
control.
Sample rate of
<20 MSPS
requires that
Bits[6:4] = 100
(DDR one-lane)
and Bit 3 = 1
(low encode
mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com