Electronic Components Datasheet Search
  English  ▼

X  

ADA4355 Datasheet(PDF) 41 Page - Analog Devices

Part # ADA4355
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADA4355 Datasheet HTML 37Page - Analog Devices ADA4355 Datasheet HTML 38Page - Analog Devices ADA4355 Datasheet HTML 39Page - Analog Devices ADA4355 Datasheet HTML 40Page - Analog Devices ADA4355 Datasheet HTML 41Page - Analog Devices ADA4355 Datasheet HTML 42Page - Analog Devices ADA4355 Datasheet HTML 43Page - Analog Devices ADA4355 Datasheet HTML 44Page - Analog Devices ADA4355 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 41 of 45
Reg.
(Hex)
Register Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Comments
0x22
Serial channel
status (local)
Open
Open
Open
Open
Open
Open
Channel
output
reset
Channel
power-
down
0x00
Used to
power down
individual
sections of
a converter.
0x100
Resolution/
sample rate
override
Open
Resolution/
sample rate
override enable
Resolution:
01 = 14 bits,
10 = 12 bits
Open
Sample rate:
000 = 20 MSPS,
001 = 40 MSPS,
010 = 50 MSPS,
011 = 65 MSPS,
100 = 80 MSPS,
101 = 105 MSPS,
110 = 125 MSPS
0x00
Resolution/
sample rate
override
(requires
writing to
the transfer
register,
0xFF).
0x101
User input/
output control
Open
Open
Open
Open
Open
Open
Open
SDIO
pull-down
0x00
Disables SDIO
pull-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com