Electronic Components Datasheet Search
  English  ▼

X  

ADA4355 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4355
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4355 Datasheet HTML 12Page - Analog Devices ADA4355 Datasheet HTML 13Page - Analog Devices ADA4355 Datasheet HTML 14Page - Analog Devices ADA4355 Datasheet HTML 15Page - Analog Devices ADA4355 Datasheet HTML 16Page - Analog Devices ADA4355 Datasheet HTML 17Page - Analog Devices ADA4355 Datasheet HTML 18Page - Analog Devices ADA4355 Datasheet HTML 19Page - Analog Devices ADA4355 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 16 of 45
FREQUENCY (Hz)
100k
1M
10M
100M
10k
0.1
0.01
0.001
0.0001
0.00001
0.000001
NO AVERAGES
16k AVERAGES
65k AVERAGES
Figure 19. Noise Spectral Density, TZ = 20 kΩ, LPF = 1 MHz
FREQUENCY (Hz)
100k
1M
10M
100M
10k
0.01
0.001
0.0001
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
Figure 20. Noise Spectral Density for Various Source Capacitances,
TZ = 20 kΩ, LPF = 1 MHz
FREQUENCY (Hz)
100k
1M
10M
100M
10k
0.0001
0.00001
0.0000001
–40°C
+25°C
+85°C
Figure 21. Noise Spectral Density for Various Temperatures,
TZ = 20 kΩ, LPF = 1 MHz
NOISE BANDWIDTH (Hz)
100k
1M
10M
100M
10k
100
10
1
0.1
0.01
0.001
0.0001
15
25
20
30
35
40
45
NO AVERAGES
16k AVERAGES
65k AVERAGES
Figure 22. RMS Noise and OTDR Dynamic Range vs. Noise Bandwidth,
TZ = 20 kΩ, LPF = 1 MHz
NOISE BANDWIDTH (Hz)
100k
1M
10M
100M
10k
100
10
1
0.1
16
18
20
22
24
26
28
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
Figure 23. RMS Noise and OTDR Dynamic Range vs. Noise Bandwidth for
Various Source Capacitances, TZ = 20 kΩ, LPF = 1 MHz
100k
NOISE BANDWIDTH (Hz)
1M
10M
100M
10k
0.0001
0.001
0.01
0.1
30
35
40
45
–40°C
+25°C
+85°C
Figure 24. RMS Noise and OTDR Dynamic Range vs. Noise Bandwidth for
Various Temperatures, TZ = 20 kΩ, LPF = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com