Electronic Components Datasheet Search
  English  ▼

X  

ADA4355 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4355
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355 Datasheet(HTML) 4 Page - Analog Devices

  ADA4355 Datasheet HTML 1Page - Analog Devices ADA4355 Datasheet HTML 2Page - Analog Devices ADA4355 Datasheet HTML 3Page - Analog Devices ADA4355 Datasheet HTML 4Page - Analog Devices ADA4355 Datasheet HTML 5Page - Analog Devices ADA4355 Datasheet HTML 6Page - Analog Devices ADA4355 Datasheet HTML 7Page - Analog Devices ADA4355 Datasheet HTML 8Page - Analog Devices ADA4355 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 4 of 45
POWER SPECIFICATIONS
TA = 25°C and VCC = 3.3 V, unless otherwise noted. VEA and VED are the internal ADC 1.8 V supply rails, and VLD is the 1.8 V on-board
LDO output.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min Typ
Max Unit
POWER SUPPLIES
VCC
3.1
3.3
3.6
V
VCC Current
IVCC
See Figure 3, LDO enabled
165
mA
See Figure 4, LDO disabled
72
mA
ADC Digital Circuit Supply
VED
See Figure 4, LDO disabled
1.8 ± 5%
V
VED Current
IVED
47
mA
ADC Analog Circuit Supply
VEA
See Figure 4, LDO disabled
1.8 ± 5%
V
VEA Current
IVEA
47
mA
On-Chip LDO Output
VLD
See Figure 3, LDO enabled
1.8
V
Quiescent Power
PQ
See Figure 3, LDO enabled
546
mW
See Figure 4, LDO disabled
406
mW
ADC power-down mode
238
mW
ADC standby mode
322
mW
VLD
ADA4355
VEA
VCC
3.3V
IVCC
VLDEN
VED
LDO
Figure 3. On-Chip LDO Enabled
VLD
LDO
ADA4355
VEA
VCC
3.3V
IVCC
VLDEN
VED
1.8V
Figure 4. On-Chip LDO Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com